Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F2837xS Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320F2837xS
Description  Delfino Microcontrollers
Download  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F2837xS Datasheet(HTML) 2 Page - Texas Instruments

  TMS320F2837xS Datasheet HTML 1Page - Texas Instruments TMS320F2837xS Datasheet HTML 2Page - Texas Instruments TMS320F2837xS Datasheet HTML 3Page - Texas Instruments TMS320F2837xS Datasheet HTML 4Page - Texas Instruments TMS320F2837xS Datasheet HTML 5Page - Texas Instruments TMS320F2837xS Datasheet HTML 6Page - Texas Instruments TMS320F2837xS Datasheet HTML 7Page - Texas Instruments TMS320F2837xS Datasheet HTML 8Page - Texas Instruments TMS320F2837xS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 213 page
background image
2
TMS320F28379S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
SPRS881C – AUGUST 2014 – REVISED MAY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28377S TMS320F28376S TMS320F28375S TMS320F28374S
Device Overview
Copyright © 2014–2016, Texas Instruments Incorporated
• Package Options:
– Lead-Free, Green Packaging
– 337-Ball New Fine Pitch Ball Grid Array
(nFBGA) [ZWT Suffix]
– 176-Pin PowerPAD™ Thermally Enhanced Low-
Profile Quad Flatpack (HLQFP)
[PTP Suffix]
– 100-Pin PowerPAD Thermally Enhanced Thin
Quad Flatpack (HTQFP) [PZP Suffix]
• Temperature Options:
– T: –40ºC to 105ºC Junction
– S: –40ºC to 125ºC Junction
– Q: –40ºC to 125ºC Free-Air
(Q100 Qualification for Automotive Applications)
1.2
Applications
Industrial Drives
Solar Micro Inverters and Converters
Radar
Digital Power
Smart Metering
Automotive Transportation
Power Line Communications
1.3
Description
The Delfino™ TMS320F2837xS is a powerful 32-bit floating-point microcontroller unit (MCU) designed for
advanced closed-loop control applications such as industrial drives and servo motor control; solar
inverters and converters; digital power; transportation; and power line communications. Complete
development packages for digital power and industrial drives are available as part of the powerSUITE and
DesignDRIVE initiatives.
The real-time control subsystem is based on TI’s 32-bit C28x floating-point CPU, which provides 200 MHz
of signal processing performance. The C28x CPU is further boosted by the new TMU accelerator, which
enables fast execution of algorithms with trigonometric operations common in transforms and torque loop
calculations; and the VCU accelerator, which reduces the time for complex math operations common in
encoded applications.
The F2837xS microcontroller family features a CLA real-time control co-processor. The CLA is an
independent 32-bit floating-point processor that runs at the same speed as the main CPU. The CLA
responds to peripheral triggers and executes code concurrently with the main C28x CPU. This parallel
processing capability can effectively double the computational performance of a real-time control system.
By using the CLA to service time-critical functions, the main C28x CPU is free to perform other tasks, such
as communications and diagnostics.
The TMS320F2837xS supports up to 1MB (512KW) of onboard flash memory with error correction code
(ECC) and up to 164KB (82KW) of SRAM. Two 128-bit secure zones are also available on the CPU for
code protection.
Performance analog and control peripherals are also integrated on the F2837xS MCU to further enable
system consolidation. Four independent 16-bit ADCs provide precise and efficient management of multiple
analog signals, which ultimately boosts system throughput. The new sigma-delta filter module (SDFM)
works in conjunction with the sigma-delta modulator to enable isolated current shunt measurements. The
Comparator Subsystem (CMPSS) with windowed comparators allows for protection of power stages when
current limit conditions are exceeded or not met. Other analog and control peripherals include DACs,
PWMs, eCAPs, eQEPs, and other peripherals.
Peripherals such as EMIFs, CAN modules (ISO11898-1/CAN 2.0B-compliant), and a new uPP interface
extend the connectivity of the F2837xS. The uPP interface is a new feature of the C2000™ MCUs and
supports high-speed parallel connection to FPGAs or other processors with similar uPP interfaces. Lastly,
a USB 2.0 port with MAC and PHY lets users easily add universal serial bus (USB) connectivity to their
application.


Similar Part No. - TMS320F2837xS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2837XS TI1-TMS320F2837XS Datasheet
2Mb / 220P
[Old version datasheet]   Delfino Microcontrollers
TMS320F2837XS TI-TMS320F2837XS Datasheet
3Mb / 229P
[Old version datasheet]   TMS320F2837xS Microcontrollers
TMS320F2837XS TI-TMS320F2837XS Datasheet
5Mb / 225P
[Old version datasheet]   TMS320F2837xS Microcontrollers
More results

Similar Description - TMS320F2837xS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346 Datasheet
1Mb / 153P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_V01 Datasheet
2Mb / 173P
[Old version datasheet]   TMS320C2834x Delfino Microcontrollers
TMS320C28346 TI1-TMS320C28346_15 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI1-TMS320C28346_18 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320F28379S TI1-TMS320F28379S_18 Datasheet
2Mb / 220P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_V02 Datasheet
4Mb / 170P
[Old version datasheet]   TMS320C2834x Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com