Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS568215OA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS568215OA
Description  4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS568215OA Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS568215OA Datasheet HTML 3Page - Texas Instruments TPS568215OA Datasheet HTML 4Page - Texas Instruments TPS568215OA Datasheet HTML 5Page - Texas Instruments TPS568215OA Datasheet HTML 6Page - Texas Instruments TPS568215OA Datasheet HTML 7Page - Texas Instruments TPS568215OA Datasheet HTML 8Page - Texas Instruments TPS568215OA Datasheet HTML 9Page - Texas Instruments TPS568215OA Datasheet HTML 10Page - Texas Instruments TPS568215OA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
TPS568215OA
www.ti.com
SLVSDU7 – JANUARY 2017
Product Folder Links: TPS568215OA
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Timing Requirements
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ON-TIME TIMER CONTROL
tON
SW On Time
VIN = 12 V, VOUT=3.3 V, FSW = 800 kHz
310
340
380
ns
tON min
SW Minimum on time
VIN = 17 V, VOUT=0.6 V, FSW= 1200 kHz
54
ns
tOFF
SW Minimum off time
25°C, VFB=0.5 V
310
ns
FSWOOA
OOA Switching Frequency
TJ = -40°C to 150°C, No Load
20
27
KHz
SOFT START
tSS
Soft start time
Internal soft start time
1.045
ms
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
tUVPDEL
Output Hiccup delay relative to SS time
UVP detect
1
cycle
tUVPEN
Output Hiccup enable delay relative to
SS time
UVP detect
7
cycle


Similar Part No. - TPS568215OA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215RNNR TI1-TPS568215RNNR Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215RNNT TI1-TPS568215RNNT Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
More results

Similar Description - TPS568215OA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com