Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3850-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3850-Q1
Description  Precision Voltage Supervisor with Programmable Window Watchdog Timer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3850-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3850-Q1 Datasheet HTML 1Page - Texas Instruments TPS3850-Q1 Datasheet HTML 2Page - Texas Instruments TPS3850-Q1 Datasheet HTML 3Page - Texas Instruments TPS3850-Q1 Datasheet HTML 4Page - Texas Instruments TPS3850-Q1 Datasheet HTML 5Page - Texas Instruments TPS3850-Q1 Datasheet HTML 6Page - Texas Instruments TPS3850-Q1 Datasheet HTML 7Page - Texas Instruments TPS3850-Q1 Datasheet HTML 8Page - Texas Instruments TPS3850-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
-0.5
-0.3
-0.1
0.1
0.3
0.5
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Average
VDD
GND
TPS3850-Q1
SENSE
1.8V
Microcontroller
SET1
1.2V
VCORE
VI/O
CRST
GND
CWD
SET0
WDI
GPIO
Copyright © 2016, Texas Instruments Incorporated
RESET
NMI
RESET
WDO
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS3850-Q1
SBVS264 – JANUARY 2017
TPS3850-Q1 Precision Voltage Supervisor with Programmable Window Watchdog Timer
1
1 Features
1
AEC-Q100 Qualified with the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C4B
Input Voltage Range: VDD = 1.6 V to 6.5 V
0.8% Voltage Threshold Accuracy (Max)
Low Supply Current: IDD = 10 µA (typ)
User-Programmable Watchdog Timeout
User-Programmable Reset Delay
Factory Programmed Precision Watchdog and
Reset Timers:
±15% Accurate WDT and RST Delays
Open-Drain Outputs
Precision Over- and Undervoltage Monitoring:
Supports Common Rails from 0.9 V to 5.0 V
4% and 7% Fault Windows Available
0.5% Hysteresis
Watchdog Disable Feature
Available in a Small 3-mm × 3-mm, 10-Pin VSON
Package
2 Applications
Safety Critical Applications
Automotive Vision Systems
Automotive ADAS Systems
Telematics Control Units
FPGAs and ASICs
Microcontrollers and DSPs
3 Description
The TPS3850-Q1 combines a precision voltage
supervisor with a programmable window watchdog
timer. The TPS3850-Q1 window comparator achieves
0.8%
accuracy
(–40°C
to
+125°C)
for
both
overvoltage
(VIT+(OV)) and undervoltage (VIT–(UV))
thresholds. The TPS3850-Q1 also includes accurate
hysteresis on both thresholds, making the device
ideal for use with tight tolerance systems. The
supervisor RESET delay can be set by factory-
programmed default delay settings, or programmed
by an external capacitor. The factory-programmed
RESET
delay
features
a
15%
accuracy,
high-
precision delay timing.
The TPS3850-Q1 includes a programmable window
watchdog timer for a wide variety of applications. The
dedicated watchdog output (WDO) enables increased
resolution to help determine the nature of fault
conditions. The window watchdog timeouts can be
set by factory-programmed default delay settings, or
programmed by an external capacitor. The watchdog
can be disabled via logic pins to avoid undesired
watchdog timeouts during the development process.
The TPS3850-Q1 is available in a small 3.00-mm ×
3.00-mm, 10-pin VSON package. The TPS3850-Q1
features wettable flanks for easy optical inspection.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS3850-Q1
VSON (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
Overvoltage Threshold (VIT+(OV)) Accuracy vs
Temperature


Similar Part No. - TPS3850-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850G12DRCR TI1-TPS3850G12DRCR Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850G12DRCR TI1-TPS3850G12DRCR Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850G12DRCT TI1-TPS3850G12DRCT Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
More results

Similar Description - TPS3850-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS36-Q1 TI-TPS36-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
NOVEMBER 2022
TPS36-Q1 TI1-TPS36-Q1_V03 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V02 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS35 TI-TPS35 Datasheet
1Mb / 46P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com