Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMA15A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMA15A
Description  Transient voltage suppressor diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMA15A Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMA15A Datasheet HTML 1Page - NXP Semiconductors PSMA15A Datasheet HTML 2Page - NXP Semiconductors PSMA15A Datasheet HTML 3Page - NXP Semiconductors PSMA15A Datasheet HTML 4Page - NXP Semiconductors PSMA15A Datasheet HTML 5Page - NXP Semiconductors PSMA15A Datasheet HTML 6Page - NXP Semiconductors PSMA15A Datasheet HTML 7Page - NXP Semiconductors PSMA15A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Jan 26
3
Philips Semiconductors
Product specification
Transient voltage suppressor diodes
PSMA8.5A to PSMA78A
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C unless otherwise specified.
Per type
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
IF = 0.5 A
1.2
V
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+175
°C
DEVICE
(note 1)
REVERSE
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE
REVERSE
VOLTAGE
(max)
@IRSM
(CLAMPING
VOLTAGE)
REVERSE
SURGE
CURRENT
(max)
REVERSE
LEAKAGE
CURRENT
(max)
@VRWM
VRWM
(V)
VBR
min.
(V)
IT
(mA)
VRSM
(V)
IRSM
(A)
IR
(
µA)
PSMA8.5A
8.5
9.44
1
14.4
27.8
5.0
PSMA9.0A
9.0
10.0
1
15.4
26.0
2.5
PSMA10A
10
11.1
1
17.0
23.5
2.5
PSMA11A
11
12.2
1
18.2
22.0
2.5
PSMA12A
12
13.3
1
19.9
20.1
2.5
PSMA13A
13
14.4
1
21.5
18.6
2.5
PSMA14A
14
15.6
1
23.2
17.2
2.5
PSMA15A
15
16.7
1
24.4
16.4
2.5
PSMA16A
16
17.8
1
26.0
15.4
2.5
PSMA17A
17
18.9
1
27.6
14.5
2.5
PSMA18A
18
20.0
1
29.2
13.7
2.5
PSMA20A
20
22.2
1
32.4
12.3
2.5
PSMA22A
22
24.4
1
35.5
11.3
2.5
PSMA24A
24
26.7
1
38.9
10.3
2.5
PSMA26A
26
28.9
1
42.1
9.5
2.5
PSMA28A
28
31.1
1
45.4
8.8
2.5
PSMA30A
30
33.3
1
48.4
8.3
2.5
PSMA33A
33
36.7
1
53.3
7.5
2.5


Similar Part No. - PSMA15A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
PSMA15A SUNMATE-PSMA15A Datasheet
456Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results

Similar Description - PSMA15A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com