Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV314-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV314-Q1
Description  3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV314-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TLV314-Q1_17 Datasheet HTML 1Page - Texas Instruments TLV314-Q1_17 Datasheet HTML 2Page - Texas Instruments TLV314-Q1_17 Datasheet HTML 3Page - Texas Instruments TLV314-Q1_17 Datasheet HTML 4Page - Texas Instruments TLV314-Q1_17 Datasheet HTML 5Page - Texas Instruments TLV314-Q1_17 Datasheet HTML 6Page - Texas Instruments TLV314-Q1_17 Datasheet HTML 7Page - Texas Instruments TLV314-Q1_17 Datasheet HTML 8Page - Texas Instruments TLV314-Q1_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV314-Q1, TLV2314-Q1, TLV4314-Q1
SBOS837 – NOVEMBER 2016
TLVx314-Q1 3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
Device HBM ESD Classification Level 3A
Device CDM ESD Classification Level C6
Low Offset Voltage: 0.75 mV (Typical)
Low Input Bias Current: 1 pA (Typical)
Wide Supply Range: 1.8 V to 5.5 V
Rail-to-Rail Input and Output
Gain Bandwidth: 3 MHz
Low IQ: 250 µA/Ch (Maximum)
Low Noise: 16 nV/
√Hz at 1 kHz
Internal RF and EMI Filter
Number of Channels:
TLV314-Q1: 1
TLV2314-Q1: 2
TLV4314-Q1: 4
Extended Temperature Range:
–40°C to +125°C
2 Applications
Low-Side Sensing
Battery Management Systems
Passive Safety
Capacitive Sensing
Fuel Pumps
3 Description
The TLVx314-Q1 family of single-, dual-, and quad-
channel operational amplifiers represents a new
generation of low-power, general-purpose operational
amplifiers.
Rail-to-rail
input
and
output
swings
(RRIO), low quiescent current (150 μA typically at 5
V) combine with a wide bandwidth of 3 MHz to make
this family very attractive for a variety of battery-
powered applications that require a good balance
between cost and performance. The TLVx314-Q1
family achieves a low-input bias current of 1 pA,
making it an excellent choice for high impedance
sensors.
The robust design of the TLVx314-Q1 devices
provides ease-of-use to the circuit designer: unity-
gain stability, RRIO, capacitive loads of up to 300-pF,
an integrated RF and EMI rejection filter, no phase
reversal in overdrive conditions, and high electrostatic
discharge (ESD) protection (4-kV HBM).
These
devices
are
optimized
for
low-voltage
operation as low as 1.8 V (±0.9 V) and up to 5.5 V
(±2.75 V), and are specified over the extended
industrial temperature range of –40°C to +125°C.
The TLV314-Q1 (single) is available in both 5-pin
SC70 and SOT-23 packages. The TLV2314-Q1
(dual) is offered in 8-pin SOIC and VSSOP packages.
The quad-channel TLV4314-Q1 is offered in a 14-pin
TSSOP package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV314-Q1
SOT-23 (5)
2.90 mm × 1.60 mm
SC70 (5)
2.00 mm × 1.25 mm
TLV2314-Q1
VSSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
4.90 mm × 3.91 mm
TLV4314-Q1
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - TLV314-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV314-Q1 TI1-TLV314-Q1_18 Datasheet
1Mb / 37P
[Old version datasheet]   3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
More results

Similar Description - TLV314-Q1_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV314 TI1-TLV314 Datasheet
1Mb / 35P
[Old version datasheet]   3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
TLV314-Q1 TI1-TLV314-Q1 Datasheet
952Kb / 34P
[Old version datasheet]   3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
TLV314-Q1 TI1-TLV314-Q1_18 Datasheet
1Mb / 37P
[Old version datasheet]   3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
TLV9001-Q1 TI-TLV9001-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
REVISED OCTOBER 2021
TLV9002-Q1 TI-TLV9002-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com