Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO5852S Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5852S
Description  High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO5852S Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO5852S Datasheet HTML 2Page - Texas Instruments ISO5852S Datasheet HTML 3Page - Texas Instruments ISO5852S Datasheet HTML 4Page - Texas Instruments ISO5852S Datasheet HTML 5Page - Texas Instruments ISO5852S Datasheet HTML 6Page - Texas Instruments ISO5852S Datasheet HTML 7Page - Texas Instruments ISO5852S Datasheet HTML 8Page - Texas Instruments ISO5852S Datasheet HTML 9Page - Texas Instruments ISO5852S Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
ISO5852S-EP
SLLSEW1 – DECEMBER 2016
www.ti.com
Product Folder Links: ISO5852S-EP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
ISO5852S-EP
UNIT
DW (SOIC)
16 PINS
RθJA
Junction-to-ambient thermal resistance
99.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
48.5
°C/W
RθJB
Junction-to-board thermal resistance
56.5
°C/W
ψJT
Junction-to-top characterization parameter
29.2
°C/W
ψJB
Junction-to-board characterization parameter
56.5
°C/W
7.5 Power Ratings
Full-chip power dissipation is derated 10.04 mW/°C beyond 25°C ambient temperature. At 125°C ambient temperature, a
maximum of 251 mW total power dissipation is allowed. Power dissipation can be optimized depending on ambient
temperature and board design, while ensuring that the junction temperature does not exceed 150°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum power dissipation (both sides)
VCC1 = 5.5-V, VCC2 = 30-V, TA = 25°C
1255
mW
PD(I)
Maximum input power dissipation
VCC1 = 5.5-V, VCC2 = 30-V, TA = 25°C
175
mW
PD(O)
Maximum output power dissipation
VCC1 = 5.5-V, VCC2 = 30-V, TA = 25°C
1080
mW


Similar Part No. - ISO5852S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5852S TI-ISO5852S Datasheet
1Mb / 37P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
ISO5852S TI1-ISO5852S Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
More results

Similar Description - ISO5852S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5452 TI-ISO5452 Datasheet
1Mb / 37P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
ISO5852S TI-ISO5852S_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
ISO5851 TI-ISO5851 Datasheet
1Mb / 34P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5451 TI-ISO5451 Datasheet
1Mb / 38P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5451-Q1 TI1-ISO5451-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5851-Q1 TI1-ISO5851-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
UCC21736-Q1 TI1-UCC21736-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   UCC21736-Q1 10-A Source and Sink Reinforced Isolated Single Channel Gate Driver for SiC/IGBT with Active Protection and High-CMTI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com