Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5165-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5165-Q1
Description  3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5165-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5165-Q1 Datasheet HTML 7Page - Texas Instruments LM5165-Q1 Datasheet HTML 8Page - Texas Instruments LM5165-Q1 Datasheet HTML 9Page - Texas Instruments LM5165-Q1 Datasheet HTML 10Page - Texas Instruments LM5165-Q1 Datasheet HTML 11Page - Texas Instruments LM5165-Q1 Datasheet HTML 12Page - Texas Instruments LM5165-Q1 Datasheet HTML 13Page - Texas Instruments LM5165-Q1 Datasheet HTML 14Page - Texas Instruments LM5165-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
VSW
5 V/DIV
VOUT
100 mV/DIV
IL
200 mA/DIV
20 ms/DIV
VSW
5 V/DIV
VOUT
100 mV/DIV
IL
50 mA/DIV
2 Ps/DIV
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
400
D016
COT
PFM
Input Voltage (V)
0
10
20
30
40
50
60
70
0
50
100
150
200
250
300
350
D017
COT
PFM
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
0
5
10
15
20
D014
Sleep
Shutdown
Input Voltage (V)
0
10
20
30
40
50
60
70
0
2
4
6
8
10
12
D015
Sleep
Shutdown
11
LM5165-Q1
www.ti.com
SNVSAJ3A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: LM5165-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, VIN = 12 V, VOUT = 5 V. Please refer to the Typical Applications section for circuit designs.
Figure 19. VIN Sleep and Shutdown Supply Current vs
Temperature
Figure 20. VIN Sleep and Shutdown Supply Current vs Input
Voltage
RRT = 75 kΩ
Figure 21. VIN Active Mode Supply Current vs Temperature
RRT = 75 kΩ
Figure 22. VIN Active Mode Supply Current vs Input Voltage
5-V, 150-mA Design
Figure 23. Full Load Switching Waveforms, COT
5-V, 150-mA Design
Figure 24. No Load Switching Waveforms, COT


Similar Part No. - LM5165-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI-LM5165-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LM5165-Q1 TI-LM5165-Q1_V01 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
More results

Similar Description - LM5165-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165-Q1 TI-LM5165-Q1_V01 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LM5165 TI1-LM5165 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5166 TI1-LM5166_17 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
LMR36503 TI-LMR36503_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
LMR36503 TI-LMR36503_V02 Datasheet
2Mb / 54P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
REVISED NOVEMBER 2022
LMR36506 TI-LMR36506_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36506 3-V to 65-V, 0.6-A Ultra-Small Synchronous Buck Converter with 4 關A IQ
LM5143 TI-LM5143 Datasheet
4Mb / 70P
[Old version datasheet]   LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
TPSM265R1 TI1-TPSM265R1 Datasheet
674Kb / 29P
[Old version datasheet]   TPSM265R1 65-V Input, 100-mA Power Module with Ultra-Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com