Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA240A3-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA240A3-Q1
Description  Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240A3-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  INA240A3-Q1 Datasheet HTML 1Page - Texas Instruments INA240A3-Q1 Datasheet HTML 2Page - Texas Instruments INA240A3-Q1 Datasheet HTML 3Page - Texas Instruments INA240A3-Q1 Datasheet HTML 4Page - Texas Instruments INA240A3-Q1 Datasheet HTML 5Page - Texas Instruments INA240A3-Q1 Datasheet HTML 6Page - Texas Instruments INA240A3-Q1 Datasheet HTML 7Page - Texas Instruments INA240A3-Q1 Datasheet HTML 8Page - Texas Instruments INA240A3-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
1
NC
8
OUT
2
IN+
7
REF1
3
IN±
6
REF2
4
GND
5
VS
Not to scale
1
IN±
8
IN+
2
GND
7
REF1
3
REF2
6
VS
4
NC
5
OUT
Not to scale
3
INA240-Q1
www.ti.com
SBOS808A – AUGUST 2016 – REVISED DECEMBER 2016
Product Folder Links: INA240-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6 Device Comparison Table
PRODUCT
GAIN (V/V)
INA240A1-Q1
20
INA240A2-Q1
50
INA240A3-Q1
100
INA240A4-Q1
200
7 Pin Configuration and Functions
INA240-Q1 PW Package
8-Pin TSSOP
Top View
For INA240-Q1, Grade 1 only
INA240-Q1 D Package
8-Pin SOIC
Top View
For INA240-Q1, Grade 1 and Grade 0
Pin Functions
PIN
I/O
DESCRIPTION
NAME
INA240-Q1
PW
(TSSOP)
D
(SOIC)
GND
4
2
Analog
Ground
IN–
3
1
Analog
input
Connect to load side of shunt resistor
IN+
2
8
Analog
input
Connect to supply side of shunt resistor
NC
1
4
Reserved. Connect to ground.
OUT
8
5
Analog
output
Output voltage
REF1
7
7
Analog
input
Reference 1 voltage. Connect to 0 V to VS; see the Adjusting the Output Midpoint With
the Reference Pins section for connection options
REF2
6
3
Analog
input
Reference 2 voltage. Connect to 0 V to VS; see the Adjusting the Output Midpoint With
the Reference Pins section for connection options
VS
5
6
Analog
Power supply, 2.7 V to 5.5 V


Similar Part No. - INA240A3-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240A3 TI1-INA240A3 Datasheet
1Mb / 35P
[Old version datasheet]   High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240A3 TI1-INA240A3 Datasheet
1Mb / 36P
[Old version datasheet]   INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240A3D TI1-INA240A3D Datasheet
1Mb / 36P
[Old version datasheet]   INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240A3DR TI1-INA240A3DR Datasheet
1Mb / 36P
[Old version datasheet]   INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240A3PW TI1-INA240A3PW Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
More results

Similar Description - INA240A3-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240_016 TI1-INA240_016 Datasheet
1Mb / 35P
[Old version datasheet]   High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI1-INA240_17 Datasheet
1Mb / 36P
[Old version datasheet]   INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240-SEP TI1-INA240-SEP_19 Datasheet
1Mb / 35P
[Old version datasheet]   Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier in Space Enhanced Plastic
INA240-SEP TI1-INA240-SEP Datasheet
1Mb / 35P
[Old version datasheet]   Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier in Space Enhanced Plastic
INA186 TI1-INA186 Datasheet
1Mb / 31P
[Old version datasheet]   Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
INA190 TI1-INA190_19 Datasheet
1Mb / 41P
[Old version datasheet]   Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
logo
Maxim Integrated Produc...
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
   Bidirectional Current Sense Amplifier with PWM-Rejection
2021
logo
Texas Instruments
INA186 TI-INA186_V02 Datasheet
2Mb / 46P
[Old version datasheet]   INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
REVISED JULY 2021
INA186 TI1-INA186_V01 Datasheet
1Mb / 38P
[Old version datasheet]   INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com