Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2285FV Datasheet(PDF) 6 Page - Rohm

Part # BU2285FV
Description  Clock generator IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2285FV Datasheet(HTML) 6 Page - Rohm

  BU2285FV Datasheet HTML 1Page - Rohm BU2285FV Datasheet HTML 2Page - Rohm BU2285FV Datasheet HTML 3Page - Rohm BU2285FV Datasheet HTML 4Page - Rohm BU2285FV Datasheet HTML 5Page - Rohm BU2285FV Datasheet HTML 6Page - Rohm BU2285FV Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BU2285FV
Multimedia ICs
6/6
Application example
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
CLK33M
CTRLB
CLK54M
CLKDAC
DVDD
DVSS
DVSS
CLK27M
VDD2
VSS2
CLKB
OE
VDD 1
VSS 1
CLK16M
AVSS
AVDD
AVDD
AVSS
XTALIN
XTALOUT
NC
CTRLA
CLKA
0.1
µF
L or NC (pull-up)
33.8688MHz
54MHz
27MHz
16.9344MHz or
18.432MHz
13.5MHz or 27MHz
0.1
µF
L or NC (pull-up)
0.1
µF
16.9344MHz
33.8688MHz or
36.864MHz
L or NC(pull-up)
0.1
µF
0.1
µF
Operating notes
The BU2285FV is basically placed on the board.
Decoupling capacitance (0.
1µF) need to be placed between Pin6 (AVDD) and Pin7 (AVSS).
Also Decoupling capacitance (0.1
µF) need to be placed between Pin1 (VDD1) and Pin2 (VSS1), Pin4 (AVSS) and Pin5
(AVDD), Pin14 (VSS2) and Pin15 (VDD2), Pin18 (DVSS) and Pin19 (DVDD).
To obtain accurate frequency , capacitance( pF) need to be placed between Pin8 (XTALIN) and Pin7 (AGND), Pin9
(XTALOUT) and Pin7 (AGND).
Tantalum capacitance (10 to 100
µF), ferrite beads may need to be placed to prevent power supply drop in certain boards
case.
To reduce high frequency noise, selected bypass capacitors (
≤1Ω at problem high frequency) maybe used for power pin
as close to BU2285FV as possible.


Similar Part No. - BU2285FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2285FV ROHM-BU2285FV Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
BU2285FVFV-E2 ROHM-BU2285FVFV-E2 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
More results

Similar Description - BU2285FV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU2286FV ETC-BU2286FV Datasheet
50Kb / 2P
   Clock generator IC
FS6118 ETC-FS6118 Datasheet
87Kb / 4P
   CLOCK GENERATOR IC
BU2294AF ETC1-BU2294AF Datasheet
62Kb / 2P
   Clock generator IC
logo
Nippon Precision Circui...
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
   Clock Generator IC
logo
Rohm
BU2288FV ROHM-BU2288FV Datasheet
64Kb / 7P
   Clock generator IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
   Motherboard Clock Generator IC
logo
PhaseLink Corporation
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
   VCXO Clock Generator IC
logo
Asahi Kasei Microsystem...
AK8142 AKM-AK8142 Datasheet
313Kb / 19P
   Programable Clock Generator IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com