Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP83C151C-25 Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # IP83C151C-25
Description  CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

IP83C151C-25 Datasheet(HTML) 1 Page - TEMIC Semiconductors

  IP83C151C-25 Datasheet HTML 1Page - TEMIC Semiconductors IP83C151C-25 Datasheet HTML 2Page - TEMIC Semiconductors IP83C151C-25 Datasheet HTML 3Page - TEMIC Semiconductors IP83C151C-25 Datasheet HTML 4Page - TEMIC Semiconductors IP83C151C-25 Datasheet HTML 5Page - TEMIC Semiconductors IP83C151C-25 Datasheet HTML 6Page - TEMIC Semiconductors IP83C151C-25 Datasheet HTML 7Page - TEMIC Semiconductors IP83C151C-25 Datasheet HTML 8Page - TEMIC Semiconductors IP83C151C-25 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
80C154/83C154
Rev.F (14 Jan. 97)
1
MATRA MHS
Description
TEMIC’s 80C154 and 83C154 are high performance
CMOS single chip
µC. The 83C154 retains all the
features of the 80C52 with extended ROM capacity (16
K bytes), 256 bytes of RAM, 32 I/O lines, a 6-source
2-level interrupts, a full duplex serial port, an on-chip
oscillator and clock circuits, three 16 bit timers with extra
features : 32 bit timer and watchdog functions. Timer 0
and 1 can be configured by program to implement a 32 bit
timer. The watchdog function can be activated either with
timer 0 or timer 1 or both together (32 bit timer).
In addition, the 83C154 has 2 software-selectable modes
of reduced activity for further reduction in power
consumption. In the idle mode the CPU is frozen while
the RAM is saved, and the timers, the serial port and the
interrupt system continue to function. In the power down
mode the RAM is saved and the timers, serial port and
interrupt continue to function when driven by external
clocks. In addition as for the TEMIC 80C51/80C52, the
stop clock mode is also available.
The 80C154 is identical to the 83C154 except that it has
no on-chip ROM. TEMIC’s 80C154 and 83C154 are
manufactured using SCMOS process which allows them
to run from 0 up to 36 MHz with Vcc = 5 V.
D 80C154 : ROMless version of the 83C154µ
D 80C154/83C154-12 : 0 to 12 MHz
D 80C154/83C154-16 : 0 to 16 MHz
D 80C154/83C154-20 : 0 to 20 MHz
D 80C154/83C154-25 : 0 to 25 MHz
D 80C154/83C154-30 : 0 to 30 MHz
D 80C154/83C154-36 : 0 to 36 MHz
D 80C154/83C154-L16 : Low power version
VCC : 2.7-5.5 V Freq : 0-16 MHz
For other speed and temperature range availability please consult your
sales office.
Features
D Power control modes
D 256 bytes of RAM
D 16 Kbytes of ROM (83C154)
D 32 Programmable I/O lines (programmable impedance)
D Three 16 bit timer/counters (including watchdog and 32 bit
timer)
D 64 K program memory space
D 64 K data memory space
D Fully static design
D 0.8µ CMOS process
D Boolean processor
D 6 interrupt sources
D Programmable serial port
D Temperature range : commercial, industrial, automotive,
military
Optional
D Secret ROM : Encryption
D Secret TAG : Identification number
CMOS 0 to 36 MHz Single Chip 8–bit Microcontroller


Similar Part No. - IP83C151C-25

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
IP8327A-4 AMD-IP8327A-4 Datasheet
1Mb / 21P
   Multimode DMA Controller
IP8327A-4B AMD-IP8327A-4B Datasheet
1Mb / 21P
   Multimode DMA Controller
IP8327A-5 AMD-IP8327A-5 Datasheet
1Mb / 21P
   Multimode DMA Controller
IP8327A-5B AMD-IP8327A-5B Datasheet
1Mb / 21P
   Multimode DMA Controller
More results

Similar Description - IP83C151C-25

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com