Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1250-3S-230 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 1250-3S-230
Description  General Duty AC Surge Protective Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

1250-3S-230 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  1250-3S-230 Datasheet HTML 1Page - Bourns Electronic Solutions 1250-3S-230 Datasheet HTML 2Page - Bourns Electronic Solutions 1250-3S-230 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
50 kA max. discharge current rating
Multi-pole uni-block design
DIN Rail mountable
UL 60691 compliant integrated thermal
disconnect
Visual fault indicator
Remote signalling capability
Compact design ideal for limited spaces
Standards compliance:
RoHS compliant*
1250 Series General Duty AC Surge Protective Device
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
The Bourns® Model 1250 Series is a general duty Surge Protective Device (SPD)
designed to protect high risk electrical service entrance and branch panels. This SPD is
intended to be installed at the front end of the installation, in the main switchboard, close
to sensitive terminals or in installations without LPS (lightning rods).
The Model 1250 Series is a single-pole module that can be configured for both common
mode and differential mode protection in single and three phase applications up to 480 V.
Electrical Characteristics
General Characteristics
Environmental Characteristics
Characteristic
Model No.
1250-xS-120
1250-xS-230
1250-xS-400
1250-xS-480
AC Network
120/240 V,
120/208 V
220/380 V,
240/415 V
220/380 V,
277/480 V,
347/600 V
347/600 V,
480 V
Connection Mode
1-Pole, L-N or L-G
AC System
IT, TT, TN, Single, Split Phase, Delta, Wye
Max. Operating Voltage (MCOV)
150 V
275 V
420 V
550 V
TOV Withstand
230 V
440 V
440 V
770 V
Leakage Current at Uc
< 1 mA
Follow Current
None
UL Nominal Discharge Current (In)
15 Impulses 8/20 µs
20 kA
Max. Discharge Current (Imax)
1 Impulse 8/20 µs
50 kA
UL Voltage Protection Rating (VPR)
700 V
1000 V
1200 V
1800 V
Protection Level (Up)
0.9 kV
1.25 kV
1.8 kV
2.5 kV
UL Short-Circuit Current Rating (SCCR)
100kAIC
Characteristic
Model No.
1250-xS-120
1250-xS-230
1250-xS-400
1250-xS-480
Thermal Disconnector
UL 60691
Overcurrent Protection
Time Delay - 125 A Max.
Connection
By Screw Terminals, #6 AWG Max.
Dimensions
90 x 18 x 67 mm / (3.543 x 0.709 x 2.638 In.)
Mounting
DIN Rail, 35 mm Symmetrical
Remote Signal Indicator
250 Vac Max., 2 A
Enclosure Material
Thermoplastic UL 94V0
Characteristic
Model No.
1250-xS-120
1250-xS-230
1250-xS-400
1250-xS-480
Operating Temperature
-50 °C to +85 °C
Operating Altitude
13,000 ft. (4,000 m)
Relative Humidity
5 to 95 % Non-condensing, up to 100 % External
Environmental Rating
IP 20
Electrical Diagram
General Information
L/N
V : High energy varistor
Ft : Thermal fuse
C : Remote signaling contact
t° : Thermal disconnection system
. .
.
C
Ft
V


Similar Part No. - 1250-3S-230

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1250-3S-230 BOURNS-1250-3S-230 Datasheet
379Kb / 3P
   General Duty AC Surge Protective Device
More results

Similar Description - 1250-3S-230

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1250-1S-120 BOURNS-1250-1S-120 Datasheet
379Kb / 3P
   General Duty AC Surge Protective Device
1210 BOURNS-1210 Datasheet
439Kb / 3P
   1210 Series Heavy Duty AC Surge Protective Device
logo
Okaya Electric America,...
R26-900-BGL OKAYA-R26-900-BGL Datasheet
626Kb / 2P
   SPD (Surge Protective Device)
logo
Bourns Electronic Solut...
1320 BOURNS-1320 Datasheet
259Kb / 2P
   DC Power Surge Protective Device
logo
Lite-On Technology Corp...
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Bourns Electronic Solut...
1202 BOURNS-1202 Datasheet
362Kb / 3P
   1202 Series Hardwired AC Hybrid Surge Protective Device (H-SPD)
REV. 14 - 12/19
logo
Lite-On Technology Corp...
TB0640L LITEON-TB0640L Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640H LITEON-TB0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TC0640H LITEON-TC0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Cooper Bussmann, Inc.
SPOD320STR COOPER-SPOD320STR Datasheet
1Mb / 4P
   Standard and Universal Surge Protective Device Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com