Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P87C51RA2BBD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P87C51RA2BBD
Description  80C51 Central Processing Unit
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51RA2BBD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P87C51RA2BBD Datasheet HTML 7Page - NXP Semiconductors P87C51RA2BBD Datasheet HTML 8Page - NXP Semiconductors P87C51RA2BBD Datasheet HTML 9Page - NXP Semiconductors P87C51RA2BBD Datasheet HTML 10Page - NXP Semiconductors P87C51RA2BBD Datasheet HTML 11Page - NXP Semiconductors P87C51RA2BBD Datasheet HTML 12Page - NXP Semiconductors P87C51RA2BBD Datasheet HTML 13Page - NXP Semiconductors P87C51RA2BBD Datasheet HTML 14Page - NXP Semiconductors P87C51RA2BBD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Philips Semiconductors
Product data
P87C51RA2/RB2/RC2/RD2
80C51 8-bit microcontroller family 8KB/16KB/32KB/64KB OTP
with 512B/1KB RAM, low voltage (2.7 to 5.5 V), low power, high
speed (30/33 MHz)
2003 Jan 24
11
CLOCK CONTROL REGISTER (CKCON)
This device allows control of the 6-clock/12-clock mode by means of
both an SFR bit (X2) and an OTP bit. The OTP clock control bit
OX2, when programmed (6-clock mode), supersedes the X2 bit
(CKCON.0). The CKCON register is shown below in Figure 1.
X2
BIT
SYMBOL
FUNCTION
CKCON.7
Reserved.
CKCON.6
Reserved.
CKCON.5
Reserved.
CKCON.4
Reserved.
CKCON.3
Reserved.
CKCON.2
Reserved.
CKCON.1
Reserved.
CKCON.0
X2
CPU clock; 1 = 6 clocks for each machine cycle, 0 = 12 clocks for each machine cycle
SU01689
Not Bit Addressable
CKCON
Address = 8Fh
Reset Value = x0000000B
76
54
321
0
––
Figure 1. Clock control (CKCON) register
Also please note that the clock divider applies to the serial port for
modes 0 & 2 (fixed baud rate modes). This is because modes 1 & 3
(variable baud rate modes) use either Timer 1 or Timer 2.
Below is the truth table for the CPU clock mode.
Table 1.
OX2 clock mode bit
(can only be set by
parallel programmer)
X2 bit
(CKCON.0)
CPU clock mode
erased
0
12-clock mode
(default)
erased
1
6-clock mode
programmed
X
6-clock mode
RESET
A reset is accomplished by holding the RST pin high for at least two
machine cycles (12 oscillator periods in 6-clock mode, or 24 oscillator
periods in 12-clock mode), while the oscillator is running. To ensure a
good power-on reset, the RST pin must be high long enough to allow
the oscillator time to start up (normally a few milliseconds) plus two
machine cycles. At power-on, the voltage on VCC and RST must
come up at the same time for a proper start-up. Ports 1, 2, and 3 will
asynchronously be driven to their reset condition when a voltage
above VIH1 (min.) is applied to RST.
The value on the EA pin is latched when RST is deasserted and has
no further effect.


Similar Part No. - P87C51RA2BBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C51RA+4A PHILIPS-P87C51RA+4A Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
P87C51RA+4A PHILIPS-P87C51RA+4A Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
P87C51RA+4B PHILIPS-P87C51RA+4B Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
P87C51RA+4B PHILIPS-P87C51RA+4B Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
P87C51RA+4N PHILIPS-P87C51RA+4N Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
More results

Similar Description - P87C51RA2BBD

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG87FX52YE MEGAWIN-MG87FX52YE Datasheet
1Mb / 48P
   80C51 Central Processing Unit
logo
NXP Semiconductors
P89C51RC PHILIPS-P89C51RC Datasheet
287Kb / 50P
   80C51 Central Processing Unit
1999 Oct 27
P8XCE560 PHILIPS-P8XCE560 Datasheet
442Kb / 84P
   80C51 Central Processing Unit (CPU)
1997 Aug 01
logo
Zilog, Inc.
Z84C0010PEC ZILOG-Z84C0010PEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z8400 ZILOG-Z8400 Datasheet
1,003Kb / 35P
   CENTRAL PROCESSING UNIT
Z84C0006VEG ZILOG-Z84C0006VEG Datasheet
1Mb / 36P
   Central Processing Unit
Z84C0006PEG ZILOG-Z84C0006PEG Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z84C0008VEC ZILOG-Z84C0008VEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
logo
STMicroelectronics
Z8001SEGCPU STMICROELECTRONICS-Z8001SEGCPU Datasheet
4Mb / 82P
   CENTRAL PROCESSING UNIT
logo
Zilog, Inc.
Z84C0010FEC ZILOG-Z84C0010FEC Datasheet
1Mb / 36P
   Central Processing Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com