Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT8687R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IT8687R
Description  Preliminary Specification V0.6
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IT8687R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IT8687R Datasheet HTML 3Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 4Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 5Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 6Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 7Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 8Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 9Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 10Page - List of Unclassifed Manufacturers IT8687R Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
13.
14.
IT8687R
4
Table 5-1. Signal Names (by pin numbers in alphabetical order) [cont’d]
Pin No.
Symbol
I/O
Description
22
SA13/LRTS2
IS
ISA I/O Address 13. The second function is Serial Port 2 RTS line driver
input.
23
SA12/LDTR2
IS
ISA I/O Address 12. The second function is Serial Port 2 DTR line driver
input.
24
RESET
IS
System reset, active high
27
DTR2
O16H
Serial port 2 DTR line driver output
28
RTS2
O16H
Serial port 2 RTS line driver output
29
TX2
O16H
Serial port 2 TX line driver output
32
RI2
ISH
Serial port 2 RI line receiver input
33
CTS2
ISH
Serial port 2 CTS line receiver input
34
DSR2
ISH
Serial port 2 DSR line receiver input
35
RX2
ISH
Serial port 2 RX line receiver input
36
RLSD2
ISH
Serial port 2 RLSD line receiver input
37
RI1
ISH
Serial port 1 RI line receiver input
38
CTS1
ISH
Serial port 1 CTS line receiver input
39
DSR1
ISH
Serial port 1 DSR line receiver input
40
RX1
ISH
Serial port 1 RX line receiver input
41
RLSD1
ISH
Serial port 1 RLSD line receiver input
44
DTR1
O16H
Serial port 1 DTR line driver output
45
RTS1
O16H
Serial port 1 RTS line driver output
46
TX1
O16H
Serial port 1 TX line driver output
48
MODE
IS
Primary function is selected when this pin is low; secondary function is
selected when it is high.
25,31
42
NC
No Connection
6,19
GND
Ground
13
VCC
+5V power
30,43
VSS
-12V power
26,47
VDD
+12V power


Similar Part No. - IT8687R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IT8673F ETC-IT8673F Datasheet
780Kb / 128P
   Advanced Input / Output (Advanced I/O) Preliminary Specification V0.5
More results

Similar Description - IT8687R

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
   Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
   Preliminary specification
logo
Shenzhen TOPWAY Technol...
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
   Preliminary Specification
logo
List of Unclassifed Man...
LC104S1 ETC1-LC104S1 Datasheet
708Kb / 28P
   PRELIMINARY SPECIFICATION
logo
Shenzhen TOPWAY Technol...
LMT040DNPFWD TOPWAY-LMT040DNPFWD Datasheet
1Mb / 23P
   Preliminary Specification
logo
Vectron International, ...
TFS400K VECTRON-TFS400K Datasheet
156Kb / 5P
   Preliminary Specification
TFS525 VECTRON-TFS525 Datasheet
73Kb / 5P
   Preliminary specification
TFS238A VECTRON-TFS238A Datasheet
113Kb / 5P
   Preliminary Specification
TFS868B VECTRON-TFS868B Datasheet
72Kb / 5P
   Preliminary specification
TFS1960 VECTRON-TFS1960 Datasheet
74Kb / 5P
   Preliminary Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com