Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC362 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC362
Description  Point-to-Point and Point-to-Multi-Point Radios
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC362 Datasheet(HTML) 5 Page - Analog Devices

  HMC362 Datasheet HTML 1Page - Analog Devices HMC362 Datasheet HTML 2Page - Analog Devices HMC362 Datasheet HTML 3Page - Analog Devices HMC362 Datasheet HTML 4Page - Analog Devices HMC362 Datasheet HTML 5Page - Analog Devices HMC362 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1
1 - 12
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Assembly Diagram
AC coupling capacitors.
To +5V Vcc Supply
(Bypassed via 10 uF Capacitor).
AC coupling capacitors.
Optional AC coupled
differential input. Should
be AC grounded for
single ended operation.
Optional AC coupled
differential output. For best
single ended reverse leakage
performance, this port should
be terminated into 50 ohm.
This port should be grounded
for normal operation. Applying
+5V to this port will disable the
input buffer amplifier.
This port should be grounded
for normal operation. Applying
+5V to this port will power
down the device.
For high power output, this
port should be bonded to
ground. For low power output,
this port should be floating.
Function
Pin
5V
GND
Float
DISABLE
10
Output Off
Output On
X
PWR
DWN
9
Power
Down
Power
Up
X
PWR
SEL
8X
High
Power
Output
Low
Power
Output
X = State not permitted.
HMC362
v04.0109
GaAs HBT MMIC
DIVIDE-BY-4, DC - 11 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC362

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC362 HITTITE-HMC362 Datasheet
187Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-4, DC - 11.0 GHz
HMC362 HITTITE-HMC362 Datasheet
200Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-4, DC - 11 GHz
HMC362 HITTITE-HMC362 Datasheet
206Kb / 6P
   GaAs HBT MMIC DIVIDE-BY-4, DC - 11 GHz
logo
Micross Components
HMC362 MICROSS-HMC362 Datasheet
846Kb / 9P
   Satellite Communication Systems
logo
Hittite Microwave Corpo...
HMC362S8G HITTITE-HMC362S8G Datasheet
258Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12.0 GHz
More results

Similar Description - HMC362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC365 MICROSS-HMC365 Datasheet
839Kb / 9P
   Piont-to-Point and Point-to-Multi-Point Radios
HMC591 MICROSS-HMC591 Datasheet
944Kb / 11P
   Point-to-Multi-Point Radios
HMC486 MICROSS-HMC486 Datasheet
910Kb / 11P
   Point-to-Multi-Point Radios
HMC260 MICROSS-HMC260 Datasheet
872Kb / 9P
   Point-to-Multi-Point Radios
HMC590 MICROSS-HMC590 Datasheet
935Kb / 11P
   Point-to-Multi-Point Radios
HMC490 MICROSS-HMC490 Datasheet
959Kb / 11P
   Point-to-Multi-Point Radios
logo
Analog Devices
HMC441LM1 AD-HMC441LM1 Datasheet
397Kb / 8P
   Point-to-Multi-Point Radios
logo
Micross Components
HMC498 MICROSS-HMC498 Datasheet
963Kb / 9P
   Point-to-Multi-Point Radios
HMC499 MICROSS-HMC499 Datasheet
909Kb / 9P
   Point-to-Multi-Point Radios
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com