Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC342 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC342
Description  Microwave Point-to-Point Radios
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC342 Datasheet(HTML) 6 Page - Analog Devices

  HMC342 Datasheet HTML 1Page - Analog Devices HMC342 Datasheet HTML 2Page - Analog Devices HMC342 Datasheet HTML 3Page - Analog Devices HMC342 Datasheet HTML 4Page - Analog Devices HMC342 Datasheet HTML 5Page - Analog Devices HMC342 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1
1 - 19
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or
with conductive epoxy (see HMC general Handling, Mounting, Bonding
Note).
50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina
thin film substrates are recommended for bringing RF to and from the chip
(Figure 1). If 0.254mm (10 mil) thick alumina thin film substrates must be
used, the die should be raised 0.150mm (6 mils) so that the surface of the
die is coplanar with the surface of the substrate. One way to accomplish
this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick
molybdenum heat spreader (moly-tab) which is then attached to the
ground plane (Figure 2).
Microstrip substrates should brought as close to the die as possible in
order to minimize bond wire length. Typical die-to-substrate spacing is
0.076mm to 0.152 mm (3 to 6 mils).
An RF bypass capacitor should be used on the Vdd input. A 100 pF single
layer capacitor (mounted eutectically or by conductive epoxy) placed no
further than 0.762mm (30 Mils) from the chip is recommended.
Handling Precautions
Follow these precautions to avoid permanent damage.
Storage:
All bare die are placed in either Waffle or Gel based ESD
protective containers, and then sealed in an ESD protective bag for
shipment. Once the sealed ESD protective bag has been opened, all die
should be stored in a dry nitrogen environment.
Cleanliness: Handle the chips in a clean environment. DO NOT attempt
to clean the chip using liquid cleaning systems.
Static Sensitivity:
Follow ESD precautions to protect against ESD
strikes.
Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias
cables to minimize inductive pick-up.
General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The
surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy.
The mounting surface should be clean and flat.
Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 °C and a tool
temperature of 265 °C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 °C. DO
NOT expose the chip to a temperature greater than 320 °C for more than 20 seconds. No more than 3 seconds of
scrubbing should be required for attachment.
Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed
around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer’s schedule.
Wire Bonding
Ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire. Thermosonic wirebonding with a nominal stage
temperature of 150 °C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recom-
mended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on
the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31 mm (12 mils).
0.102mm (0.004”) Thick GaAs MMIC
Wire Bond
RF Ground Plane
0.127mm (0.005”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 1.
0.102mm (0.004”) Thick GaAs MMIC
Wire Bond
RF Ground Plane
0.254mm (0.010”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 2.
0.150mm (0.005”) Thick
Moly Tab
HMC342
GaAs MMIC LOW NOISE
AMPLIFIER, 13 - 25 GHz
v01.0907
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC342

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC342 HITTITE-HMC342 Datasheet
187Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342 HITTITE-HMC342 Datasheet
230Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342 HITTITE-HMC342 Datasheet
222Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
logo
Micross Components
HMC342 MICROSS-HMC342 Datasheet
876Kb / 9P
   Millimeterwave Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC342LC4 HITTITE-HMC342LC4 Datasheet
303Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
More results

Similar Description - HMC342

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
   Point to point microwave radios
logo
Micross Components
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
   Microwave Point-to-Point Radios
HMC560 MICROSS-HMC560 Datasheet
1,004Kb / 9P
   Microwave Point-to-Point Radios
logo
Analog Devices
ADL5726 AD-ADL5726 Datasheet
353Kb / 13P
   Point to point microwave radios
logo
Micross Components
HMC265 MICROSS-HMC265 Datasheet
911Kb / 9P
   Microwave Point-to-Point Radios
HMC258 MICROSS-HMC258 Datasheet
900Kb / 9P
   Microwave Point-to-Point Radios
HMC264 MICROSS-HMC264 Datasheet
984Kb / 11P
   Microwave Point-to-Point Radios
logo
Analog Devices
ADL5725 AD-ADL5725 Datasheet
437Kb / 13P
   Point to point microwave radios
logo
Micross Components
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
   Microwave Point-to-Point Radios
logo
Analog Devices
HMC753 AD-HMC753 Datasheet
429Kb / 14P
   Point to point radios
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com