Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6217W Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # P6217W
Description  21.5 FHD TFT 250 nits with projective capacitive multi-touch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

P6217W Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  P6217W Datasheet HTML 1Page - Axiomtek Co., Ltd. P6217W Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
642
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
6
5
7
8
9
1
0
Ordering Information
Specifications
Input Signal
VGA
HDMI
DVI (oly for DVI-D)
Touchscreen: USB interface
I/O Connectors
1 x USB for touchscreen version
1 x Audio (Line-in)
1 x VGA input
1 x HDMI
1 x DVI
1 x Screw type or Phoenix type power input
Power Adapter
Screw-type external AC/DC power adapter
Power Consumption
20 W
Touchscreen
Multi-touch projective capacitive (optional)
Dimensions
547.59 mm (21.56") (W) x 339.05 mm (13.34") (D) x 53 mm
(2.09") (H)
Packing Dimensions
700 mm (27.56") (W) x 185 mm (7.28") (D) x 510 mm (20.07") (H)
Weight (net/gross)
6.42 kg (14.15 lb)/7.78 kg (17.15 lb)
Environment
Operating temperature: 0°C ~ +45°C (+32°F ~ +113°F)
Relative humidity: 20%~90% @ 40°C, non-condensing
Packing List
1x VGA cable
1x RS-232 or USB cable for touchscreen (for touch version)
1x Audio cable
1x EU/US power cord (for AC version)
Certificate
CE
P6217W
AC Power
Panel mount monitor
Capacitive (USB)
P6217WPC-AC-U-US-EU
Glass
P6217WPG-AC-US-EU
24VDC Power
Panel mount monitor
Capacitive (USB)
P6217WPC-24VDC-U
Glass
P6217WPG-24VDC
Dimensions
Optional Accessories
5946L203800E
HDMI cable
59461713400E
DVI cable
82261510190E
Panel mount kit
82231770050E
Wall mount kit
E226171106
Desktop stand


Similar Part No. - P6217W

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6217W AXIOMTEK-P6217W_17 Datasheet
319Kb / 2P
   21.5 FHD TFT Widescreen Industrial LCD Monitor
More results

Similar Description - P6217W

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3217WL-845-PCT AXIOMTEK-GOT3217WL-845-PCT Datasheet
519Kb / 2P
   21.5 FHD TFT Multi-touch Panel Computer with Intel Pentium Processor N3710
logo
NORITAKE CO., LIMITED
GT800X480A-C903PA NORITAKE-GT800X480A-C903PA Datasheet
739Kb / 20P
   TFT LCD Module with MPCT (Metallised Projective Capacitive Touch)
June 27, 2017
logo
Axiomtek Co., Ltd.
GOT3217W-845-PCT AXIOMTEK-GOT3217W-845-PCT Datasheet
504Kb / 2P
   21.5" FHD WXGA 10-point multi-touch projected capacitive wide screen
GOT3217W-881-PCT AXIOMTEK-GOT3217W-881-PCT_17 Datasheet
479Kb / 2P
   21.5 FHD TFT Fanless Multi-touch Panel Computer with LGA1150 Socket 4th Gen
logo
List of Unclassifed Man...
PRISM-0700W ETC2-PRISM-0700W Datasheet
407Kb / 1P
   Multitouch projective capacitive touch LCD
GTWV070C3A00PA ETC-GTWV070C3A00PA Datasheet
1Mb / 23P
   TFT LCD Module with Metallized Projective Capacitive Touch Panel (FLETAS touch panel) Hardware Specification
logo
Advantech Co., Ltd.
IDK-1121WR ADVANTECH-IDK-1121WR Datasheet
328Kb / 2P
   21.5 FHD Industrial Display kit with Touch Solution
25-Apr-2018
logo
Axiomtek Co., Ltd.
P6217W AXIOMTEK-P6217W_17 Datasheet
319Kb / 2P
   21.5 FHD TFT Widescreen Industrial LCD Monitor
GOT321W-502-PCT AXIOMTEK-GOT321W-502-PCT Datasheet
544Kb / 2P
   21.5 FHD TFT Multi-touch Panel Computer with 7th/6th Gen Intel짰 Core??i7/i5/i3 Processor
logo
Crystalfontz America, I...
CFAF480128A0-039TC CRYSTAIFONTZ-CFAF480128A0-039TC Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com