Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTD513Z Datasheet(PDF) 10 Page - Rohm

Part # DTD513Z
Description  500mA/12V Low V Digital transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTD513Z Datasheet(HTML) 10 Page - Rohm

Back Button DTD513Z Datasheet HTML 2Page - Rohm DTD513Z Datasheet HTML 3Page - Rohm DTD513Z Datasheet HTML 4Page - Rohm DTD513Z Datasheet HTML 5Page - Rohm DTD513Z Datasheet HTML 6Page - Rohm DTD513Z Datasheet HTML 7Page - Rohm DTD513Z Datasheet HTML 8Page - Rohm DTD513Z Datasheet HTML 9Page - Rohm DTD513Z Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Datasheet
Part Number
DTD513ZE
Package
EMT3
Unit Quantity
3000
Minimum Package Quantity
3000
Packing Type
Taping
Constitution Materials List
inquiry
RoHS
Yes
DTD513ZE - Web Page
Distribution Inventory
Buy


Similar Part No. - DTD513Z

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD513ZE ROHM-DTD513ZE Datasheet
63Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD513ZE ROHM-DTD513ZE Datasheet
184Kb / 3P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD513ZE ROHM-DTD513ZE_09 Datasheet
184Kb / 3P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD513ZM ROHM-DTD513ZM Datasheet
63Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD513ZM ROHM-DTD513ZM Datasheet
184Kb / 3P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
More results

Similar Description - DTD513Z

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD523Y ROHM-DTD523Y Datasheet
1Mb / 10P
   500mA/12V Low V Digital transistor
DTD543Z ROHM-DTD543Z Datasheet
1Mb / 10P
   500mA/12V Low V Digital transistors
DTD543X ROHM-DTD543X Datasheet
1Mb / 10P
   500mA/12V Low V Digital transistors
DTD543E ROHM-DTD543E Datasheet
1Mb / 10P
   500mA/12V Low V Digital transistors
DTB543E ROHM-DTB543E Datasheet
1Mb / 10P
   500mA/-12V Low VCE(sat) Digital transistor
DTB543Z ROHM-DTB543Z Datasheet
1Mb / 10P
   500mA/-12V Low VCE(sat)Digital transistor
DTB513Z ROHM-DTB513Z Datasheet
1Mb / 10P
   -500mA/-12V Low VCE(sat)Digital transistor
DTB543X ROHM-DTB543X Datasheet
1Mb / 10P
   500mA/-12V Low VCE(sat)Digital transistor
2SA2030 ROHM-2SA2030_15 Datasheet
1Mb / 12P
   Low frequency transistor(-12V, -500mA)
DTB523Y ROHM-DTB523Y Datasheet
1Mb / 10P
   500mA/-12V Low VCE(sat)Digital transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com