Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB59 Datasheet(PDF) 1 Page - Rohm

Part # EMB59
Description  Complex Digital Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMB59 Datasheet(HTML) 1 Page - Rohm

  EMB59_16 Datasheet HTML 1Page - Rohm EMB59_16 Datasheet HTML 2Page - Rohm EMB59_16 Datasheet HTML 3Page - Rohm EMB59_16 Datasheet HTML 4Page - Rohm EMB59_16 Datasheet HTML 5Page - Rohm EMB59_16 Datasheet HTML 6Page - Rohm EMB59_16 Datasheet HTML 7Page - Rohm EMB59_16 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EMB59
Complex Digital Transistors (Bias Resistor Built-in Transistors)
Datasheet
l
lOutline
Parameter
DTr1 and DTr2
SOT-563
 
VCC
-50V
SC-107C
 
 
IC(MAX.)
-100mA
 
 
 
 
R1
10kΩ
 
 
R2
47kΩ
EMT6
 
                     
l
lFeatures
l
lInner circuit
1)Two DTA014Y chips in a EMT package.
2)Mounting possible with EMT3 automatic mounting
  machines.
3)Transistor elements are independent,
  eliminating interference.
4)Mounting cost and area can be cut in half.
l
lApplication
SWITCHING CIRCUIT, INVERTER CIRCUIT, INTERFACE CIRCUIT
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
EMB59
SOT-563
(EMT6)
1616
T2R
180
8
8000
B59
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/5
20160905 - Rev.004


Similar Part No. - EMB59_16

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB59 ROHM-EMB59 Datasheet
700Kb / 6P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - EMB59_16

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
UMA1N KEXIN-UMA1N Datasheet
181Kb / 3P
   Complex Digital Transistors
FMA1A KEXIN-FMA1A Datasheet
175Kb / 3P
   Complex Digital Transistors
logo
Rohm
EMB75 ROHM-EMB75_16 Datasheet
1Mb / 8P
   Complex Digital Transistors
EMB61 ROHM-EMB61_16 Datasheet
1Mb / 8P
   Complex Digital Transistors
UMD3NFHA ROHM-UMD3NFHA Datasheet
1Mb / 12P
   NPN PNP Complex Digital Transistors
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
IMH2AT110 ROHM-IMH2AT110 Datasheet
681Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
UMB2NTN ROHM-UMB2NTN Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMG5NTR ROHM-UMG5NTR Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
EMH25 ROHM-EMH25_12 Datasheet
432Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com