Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBOX565-500-FL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EBOX565-500-FL
Description  Intel짰 Core??i5-6300U 2.4 GHz/i3-6100U 2.3 GHz/CeleronR 3955U 2.0 GHz (Skylake ULT SoC)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EBOX565-500-FL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EBOX565-500-FL Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
288
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
10
11
1
0
Standard Color
Silver-Black
Construction
Aluminum extrusion and heavy-duty steel, IP40
CPU
Intel® Core™ i5-6300U 2.4 GHz/i3-6100U
2.3 GHz/ Celeron® 3955U 2.0 GHz, Skylake ULT SoC
System Memory
1 x 260-pin DDR4-2133 SO-DIMM. up to 16GB
Chipset
SoC integrated
BIOS
AMI
System I/O Outlet
1 x RS-232/422/485
1 x RS-232
2 x HDMI
2 x 10/100/1000 Mbps Ethernet (Intel® i210AT, i218)
4 x USB 3.0
2 x SMA type connector opening for antenna
1 x AT/ATX quick switch
1 x ATX power switch
1 x Reset button
1 x 9~36 VDC power input
Watchdog Timer
255 levels, 1~255 sec.
Storage
1 x 2.5” SATA HDD drive bay
1 x mSATA
Expansion Interface
1 x full-size PCI Express Mini Card slot (USB + PCI Express
signal)
System Indicator
1 x green LED for system power-on
1 x orange LED for HDD active
Power Supply
9~36 VDC
Operating Temperature
-10°C ~ +50°C (14°F ~ +122°F) (with W.T. SSD)
Humidity
10% ~ 95% , non-condensing
Vibration Endurance
3 Grms with SSD™ (5-500Hz, X, Y, Z directions)
Dimensions
141.6 mm (5.57") (W) x 106 (4.17") mm (D) x 73 mm (2.87") (H)
Weight (net/gross)
1.074 kg (1.76lb)/1.67 kg (3.68lb)
Certificate
CE
EOS Support
Win 10 IoT, Win 8.1, Linux
Ordering Information
Standard
eBOX565-500-FL-DC-
6300U
Fanless embedded system with Intel® Core™ i5-6300U
processor, 2 HDMI, 2 GbE LANs, 4 USB 3.0, 2 COM, PCIe
Mini Card and 9~36 VDC power input
eBOX565-500-FL-DC-
6100U
Fanless embedded system with Intel® Core™ i3-6100U
processor, 2 HDMI, 2 GbE LANs, 4 USB 3.0, 2 COM, PCIe
Mini Card and 9~36 VDC
eBOX565-500-FL-DC-
3955U
Fanless embedded system with Intel® Celeron® 3955U
processor, 2 HDMI, 2 GbE LANs, 4 USB 3.0, 2 COM,
PCIe Mini Card and 9~36 VDC power input
Optional
2.5” SATA HDD
2.5” SATA SSD
DDR4 SO-DIMM
Wall mount kit
VESA arm kit
DIN-rail kit
WLAN/WWAN module
40GB or above
4GB or above
2G~16G
8816K5600A0E
8816K5602A0E
8816K5601A0E
*Specifications and certifications are based on options and may vary.
Packing List
DC Version
1 x Quick manual
1 x Driver cd
1 x Screw pack
4 x Foot pad
Power Protection
OVP (over voltage protection)
OCP (over current protection)
SCP (short circuit protection)
Reverse protection
Specifications
Front view
DDR4
DDR4
DDR4
Fanless
Low Power
IP40
DualView
USB 3.0
USB
USB
9 ~36VDC
eBOX565-500-FL
Fanless Embedded System with Intel® Core™ i5-6300U 2.4 GHz/ i3-6100U 2.3 GHz/
Celeron® 3955U 2.0 GHz, 2 HDMI, 2 GbE LANs, 4 USB 3.0, 2 COM and 9~36 VDC
Intel® Core™ i5-6300U 2.4 GHz/i3-6100U 2.3 GHz/
Celeron® 3955U 2.0 GHz (Skylake ULT SoC)
260-pin DDR4-2133 SO-DIMM, up to 16GB
Compact size with 9~36 VDC wide range input
2 HDMI, 2 COM and 4 USB 3.0 ports
Supports Jumbo Frame (9.5K),WoL, PXE and Teaming
Features
Rear view
HDMI
USB 3.0
HDMI
Ethernet
AT/ATX
quick switch
9-36 VDC
power input
2 x SMA type connector
openings for antenna
RS-232/422/845
USB 3.0
Reset button
RS-232
LEDs
Power switch
Ethernet


Similar Part No. - EBOX565-500-FL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
eBOX565-500-FL-3955U-DC AXIOMTEK-eBOX565-500-FL-3955U-DC Datasheet
261Kb / 2P
   Fanless Embedded System with Intel짰 Core??i5-6300U 2.4 GHz/i3-6100U 2.3 GHz/ Celeron짰 3955U 2.0 GHz, 2 HDMI, 2 GbE LANs, 4 USB 3.0, 2 COM and 9 ~ 36 VDC
EBOX565-500-FL-6100U-DC AXIOMTEK-EBOX565-500-FL-6100U-DC Datasheet
261Kb / 2P
   Fanless Embedded System with Intel짰 Core??i5-6300U 2.4 GHz/i3-6100U 2.3 GHz/ Celeron짰 3955U 2.0 GHz, 2 HDMI, 2 GbE LANs, 4 USB 3.0, 2 COM and 9 ~ 36 VDC
More results

Similar Description - EBOX565-500-FL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX560-500-FL AXIOMTEK-EBOX560-500-FL Datasheet
298Kb / 1P
   Intel짰 Core??i7-6600U 3.4 GHz/i5-6300U 3 GHz/ Celeron짰 3955U 2.0 GHz (Skylake ULT SoC)
EBOX565-500-FL-6100U-DC AXIOMTEK-EBOX565-500-FL-6100U-DC Datasheet
261Kb / 2P
   Fanless Embedded System with Intel짰 Core??i5-6300U 2.4 GHz/i3-6100U 2.3 GHz/ Celeron짰 3955U 2.0 GHz, 2 HDMI, 2 GbE LANs, 4 USB 3.0, 2 COM and 9 ~ 36 VDC
EBOX560-880-FL AXIOMTEK-EBOX560-880-FL Datasheet
133Kb / 1P
   4th Generation Intel Celeron 2980U 1.6 GHz / Core i5 4300U 1.9 GHz Haswell ULT SoC
EBOX670-891-FL AXIOMTEK-EBOX670-891-FL Datasheet
356Kb / 1P
   LGA1151 socket 6th/7th Intel짰 Core??i7/i5/i3 & CeleronR processors (Skylake/Kaby Lake)
logo
Advantech Co., Ltd.
USC-250 ADVANTECH-USC-250 Datasheet
1Mb / 4P
   15" Ubiquitous Service Computer with Intel® Celeron 3955U or 3965U / Core i3-6100U or i3-7100U / i5-6300U or i5-7300U
18-Apr-2022
logo
Keysight Technologies
M9036A KEYSIGHT-M9036A Datasheet
640Kb / 9P
   Intel Core i5-520E 2.4 GHz
logo
Axiomtek Co., Ltd.
IMB500 AXIOMTEK-IMB500 Datasheet
274Kb / 1P
   LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
IMB501 AXIOMTEK-IMB501 Datasheet
319Kb / 1P
   LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
EBOX560-500-FL AXIOMTEK-EBOX560-500-FL_17 Datasheet
298Kb / 1P
   Fanless Embedded System with Intel Core i7-6600U 3.4 GHz/ i5-6300U 3 GHz
logo
Analog Devices
ADL5570 AD-ADL5570 Datasheet
271Kb / 10P
   2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Rev. PrG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com