Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1180D Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP1180D
Description  Supply Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP1180D Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP1180D Datasheet HTML 1Page - RICOH electronics devices division RP1180D Datasheet HTML 2Page - RICOH electronics devices division RP1180D Datasheet HTML 3Page - RICOH electronics devices division RP1180D Datasheet HTML 4Page - RICOH electronics devices division RP1180D Datasheet HTML 5Page - RICOH electronics devices division RP1180D Datasheet HTML 6Page - RICOH electronics devices division RP1180D Datasheet HTML 7Page - RICOH electronics devices division RP1180D Datasheet HTML 8Page - RICOH electronics devices division RP1180D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
R1180x SERIES
150mA LDO REGULATOR
NO.EA-105-111027
1
OUTLINE
The R1180x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low
supply current, and low ON-resistance. Each of these ICs consists of a voltage reference unit, an error amplifier,
resistor-net for voltage setting, a current limit circuit which prevents the destruction by excess current, and so on.
The output voltage of these ICs is fixed with high accuracy. B version has a chip enable pin, therefore ultra-low
consumption current standby mode can be realized with the pin.
Since the packages for these ICs are SOT-23-5 (R1180N Series), SC-82AB (R1180Q Series), and SON1612-6
(R1180D Series), therefore high density mounting of the ICs on boards is possible.
FEATURES
• Supply Current ......................................................... Typ. 1μA
(Except the current through CE pull-down circuit)
• Standby Mode .......................................................... Typ. 0.1μA
• Dropout Voltage ....................................................... Typ. 0.25V (IOUT=150mA 3.0V Output type)
• Temperature-Drift Coefficient of Output Voltage ...... Typ. ±100ppm/°C
• Line Regulation ........................................................ Typ. 0.05%/V
• Output Voltage Accuracy.......................................... ±2.0%
• Packages ................................................................ SON1612-6, SC-82AB, SOT-23-5
• Output Voltage Range.............................................. 1.2V to 3.6V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Built-in Fold Back Protection Circuit ........................ Typ. 40mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC .....0.1μF
APPLICATIONS
• Stable voltage reference.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.


Similar Part No. - RP1180D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP1180D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9103G-XX-AE5-R UTC-LR9103G-XX-AE5-R Datasheet
217Kb / 5P
   Ultra Supply Current
logo
Seiko Instruments Inc
SRM20100LC SII-SRM20100LC Datasheet
661Kb / 7P
   Low Supply Current
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
logo
Texas Instruments
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
logo
Intersil Corporation
ISL6455 INTERSIL-ISL6455 Datasheet
287Kb / 13P
   Low shutdown supply current
logo
RICOH electronics devic...
RP106 RICOH-RP106_17 Datasheet
3Mb / 34P
   Supply Current Typ. 48uA
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com