Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA10U-048L-150S Datasheet(PDF) 2 Page - Astec America, Inc

Part # AA10U-048L-150S
Description  10 Watts AA10U
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10U-048L-150S Datasheet(HTML) 2 Page - Astec America, Inc

  AA10U-048L-150S Datasheet HTML 1Page - Astec America, Inc AA10U-048L-150S Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output 1
Output 2
Maximum
Model Number
Voltage
Voltage
Voltage
Power
9-36V
3.3V @ 2.42A
8W
AA10U-024L-033S
9-36V
5V @ 2.00A
10W
AA10U-024L-050S
9-36V
12V @ 0.830A
10W
AA10U-024L-120S
9-36V
15V @ 0.670A
10W
AA10U-024L-150S
9-36V
5V @ .750A
-5V @ .750A
7.5W
AA10U-024L-050D
9-36V
12V@ .375A
-12V @ 0.375A
9W
AA10U-024L-120D
9-36V
15V@.300A
-15V @ 0.300A
9W
AA10U-024L-150D
18-75V
3.3V @ 2.42A
8W
AA10U-048L-033S
18-75V
5V @ 2.00A
10W
AA10U-048L-050S
18-75V
12V @ 0.830A
10W
AA10U-048L-120S
18-75V
15V @ .670A
10W
AA10U-048L-150S
18-75V
5V@.750A
-5V @ 0.750A
7.5W
AA10U-048L-050D
18-75V
12V @ 0.375A
-12V @ 0.375A
9W
AA10U-048L-120D
18-75V
15V @ 0.300A
-15V @ 0.300A
9W
AA10U-048L-150D
Please contact Astec for information on other output voltages, power ranges and configurations.
Single Output
1.
+Vin
2.
-Vin
3.
Output 1
4.
No pin
5.
COMM
Dual Output
1.
+Vin.
2.
-Vin
3.
Output 1
4.
COMM
5.
Output 2
Notes:
1. 20MHz bandwidth. An external 0.1uf ceramic capacitor
is recommended to be placed from +V out to -V out.
2. Meets FCC class A and ETS300-386-1 requirements for
conducted noise. Consult factory for filter recommenda-
tions to meet FCC class B, VDE or EIC specifications.
3. All specifications are typical at nominal line, full load,
and 25°C unless otherwise noted.
4. All specifications subject to change without notice.
Mechanical drawings are for reference only.
5. Calculated per MIL HDBK 217F, Ground Benign at 25°C,
full load.
6. Warranty: 1 yr
Pin Assignments
0.38
(9.65)
0.15
(3.81)
0.40 (1.01)
DIA TYP
1.00
(25.4)
0.20
(5.08)
.80
(20.32)
.40
(10.15)
0.10
(2.54)
0.8
(20.32)
2.00
(50.80)
0.10 (2.54)
BOTTOM VIEW
ALL DIMENSIONS ARE IN INCHES (mm)
1
2
3
4
5
0.40
(10.15)
0.60
(15.24)
65
www.astec.com
W9959_02_DCDC_001-073_73
2/8/02
3:55 PM
Page 65


Similar Part No. - AA10U-048L-150S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AA100 MICROSEMI-AA100 Datasheet
128Kb / 3P
   SCRs .5 A, Planar
logo
List of Unclassifed Man...
AA100 ETC2-AA100 Datasheet
129Kb / 3P
   Maximum Gate Trigger Current 2,20 or 200uA
logo
New Jersey Semi-Conduct...
AA100 NJSEMI-AA100 Datasheet
145Kb / 2P
   SCRs .5A, Planar
logo
Alpha Industries
AA100-59 ALPHA-AA100-59 Datasheet
38Kb / 2P
   GaAs IC 3 Bit Digital Attenuator 4 dB LSB Positive Control 0.75-2 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
   GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
More results

Similar Description - AA10U-048L-150S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
   10 Watts
logo
List of Unclassifed Man...
SA10-48-3.3S ETC1-SA10-48-3.3S Datasheet
120Kb / 2P
   10 Watts
logo
Astec America, Inc
AEE02F12-49 ASTEC-AEE02F12-49 Datasheet
1Mb / 2P
   10 Watts
AEE02F24 ASTEC-AEE02F24 Datasheet
134Kb / 2P
   10 Watts
ASA03G24-L ASTEC-ASA03G24-L Datasheet
94Kb / 2P
   10 Watts
AEE01AA24 ASTEC-AEE01AA24 Datasheet
141Kb / 2P
   10 Watts
logo
Anaren Microwave
10-100RV ANAREN-10-100RV Datasheet
200Kb / 2P
   10 Watts
logo
XP Power Limited
ECE05-10-SERIES XPPOWER-ECE05-10-SERIES Datasheet
158Kb / 2P
   5/10 Watts
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
   10/15 Watts
logo
XP Power Limited
JCH10 XPPOWER-JCH10 Datasheet
337Kb / 2P
   10 Watts JCH Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com