Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP173N151B-TR-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP173N151B-TR-FE
Description  Output Current Typ. 150mA
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP173N151B-TR-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP173N151B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP173N151B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP173N151B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP173N151B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP173N151B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP173N151B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP173N151B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP173N151B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP173N151B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
RP173x
6
Unless otherwise noted,VIN=Set VOUT +1.0V(VOUT >1.5), IOUT=1mA, CIN
=COUT=0.1μF.
The values in
are applicable under the condition of
−40°C ≤ Topt ≤ 85°C.
RP173xxxxB/D
Topt
=25°C
Symbol
Item
Conditons
Min.
Typ.
Max.
Unit
VOUT>1.5V
×0.99
×1.01
V
Topt
=25°C
VOUT
≤ 1.5V
−15
15
mV
VOUT>1.5V
×0.982
×1.018
V
VOUT
Output Voltage
−40°C ≤ Topt ≤ 85°C
VOUT
≤ 1.5V
−28
27
mV
IOUT
Output Current
150
mA
ΔVOUT/ΔIOUT Load Regulation
0.1mA
≤ IOUT ≤ 150mA
−30
−3
35
mV
VDIF
Dropout Voltage
Refer to the "Dropout Voltage"
ISS
Supply Current
IOUT
=0mA
2.0
3.7
μA
Istandby
Standby Current
VIN
=VIN_Max.
VCE
=0V
0.2
0.6
μA
ΔVOUT/ΔVIN Load Regulation
Set VOUT
+0.5V≦VIN≦VIN_Max.
When VOUT
≤ 2.0V,
2.5V
≤ VIN ≤ Set VOUT+6.5V
0.02
0.20
%/V
RR
Ripple Rejection
=1kHz,
Rippke 0.2Vp
−p,IOUT=10mA
※When VOUT<2.0V,VIN
=3.0V
30
dB
1.2
≤ VOUT < 4.5
2.5
Vset
+6.5
VIN
Input Voltage
4.5
≤ VOUT ≤ 5.5
2.5
11
V
ΔVOUT/ΔTopt
Output Voltage
Temperature Coefficient
−40°C ≤ Topt ≤ 85°C
±100
ppm
/℃
ISC
Short Current Limit Circuit VOUT
=0V
45
mA
IPD
CE Pull-down Current
0.30
0.90
μA
VCEH
CE Input Voltage"H"
1.7
V
VCEL
CE Input Voltage"L"
0.8
V
IREV
Reverse Current
0
≤ VIN ≤ 11.0V, VOUT ≥ 1.5V
0
0.16
μA
VREV_DET*
Reverse Current
Protection Mode
Detection Offset,
VREV
=VDD−VOUT
0
≤ VIN ≤ 11.0V, VOUT ≥ 1.5V
55
100
mV
VREV_REL*
Reverse Current
Protection Mode
Release Offset
0
≤ VIN ≤ 11.0V, VOUT ≥ 1.5V
70
120
mV
RLOW
Autodischarge Nch Tr.
ON Resistance
(D Version only)
VIN
=7.0V, VCE=0V
380
Ω
The values in
have been tested and guaranteed by Design Engineering.
All of units are tested and specified under the pulse load conditions such that Tj
≈Topt
=25°C except for Ripple
Rejection and Output Voltage Temperature Coefficient.
*) The operation coverage of the Reverse Current Protection Circuit is VOUT
≥ 1.5V. However, under the
condition of VIN
=VOUT=0V, always the Reverse Current Protection Circuit is operating.


Similar Part No. - RP173N151B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP17 HIROSE-RP17 Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13J-12PC HIROSE-RP17-13J-12PC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13JA-12SC HIROSE-RP17-13JA-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
More results

Similar Description - RP173N151B-TR-FE

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Everlight Electronics C...
30-02UYC EVERLIGHT-30-02UYC Datasheet
196Kb / 7P
   POWER LED @150mA Current
30-02UYC-S599 EVERLIGHT-30-02UYC-S599 Datasheet
196Kb / 7P
   POWER LED @150mA Current
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com