Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP201N401B-TR-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP201N401B-TR-FE
Description  Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP201N401B-TR-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP201N401B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP201N401B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP201N401B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP201N401B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP201N401B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP201N401B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP201N401B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP201N401B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP201N401B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
RP201x
7
ELECTRICAL CHARACTERISTICS
VIN
Set VOUT1V, IOUT1mA, CINCOUT 1F, unless otherwise noted.
The specification in
is checked and guaranteed by design engineering at
40C Topt 85C.
RP201x
Topt
25C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
(Fast Mode)
IOUT
5mA
Topt
25C
VOUT > 2.0V
0.99
1.01
V
VOUT
 2.0V
20
20
mV
IOUT
5mA
40C  Topt  85C
VOUT > 2.0V
0.975
1.015
V
VOUT
 2.0V
50
30
mV
IOUT
Output Current
150
mA
VOUT
/
IOUT
Load Regulation
1mA
 IOUT  10mA
VOUT > 2.0V
1.0
1.0
%
VOUT
 2.0V
20
20
mV
10mA
 IOUT  150mA
18
40
mV
VDIF
Dropout Voltage
IOUT
150mA
0.8V
 VOUT < 0.9V
4
V
0.9V
 VOUT < 1.0V
4
1.0V
 VOUT < 1.5V
0.24
0.40
1.5V
 VOUT < 2.6V
0.17
0.25
2.6V
 VOUT  4.0V
0.12
0.18
ISS1
Supply Current
(Low Power Mode)1
IOUT
0mA
VOUT
 1.85V
1.0
4.0
A
VOUT > 1.85V
1.5
4.0
ISS2
Supply Current
(Fast Mode)
IOUT
10mA
55
A
Istandby
Standby Current
VCE
GND
0.1
1.0
A
IOUTH
Fast Mode switch-over
current
IOUT
Light load to Heavy load
8.0
mA
IOUTL
Low Power Mode
switch-over current
IOUT
Heavy load to Light load
1.0
2.0
mA
VOUT
/
VIN
Line Regulation
VOUT
0.5VVIN5.0V,
VIN
 1.4V
IOUT
1mA
(Low Power Mode)
0.50
%/V
IOUT
10mA
(Fast Mode)
0.02
0.20
RR
Ripple Rejection
(Fast Mode)
f
1kHz, Ripple 0.2Vp-p
VIN
VOUT1V, IOUT30mA
(In case that VOUT
 1.2V, VIN2.2V)
70
dB
VIN
Input Voltage2
1.40
5.25
V
VOUT
/
Topt
Output Voltage
Temperature Coefficient 40C  T
opt
 85C
50
ppm
/
C
ISC
Short Current Limit
VOUT
0V
50
mA
ICEPD
CE Pull-down Constant
Current
0.1
A
VCEH
CE Input Voltage "H"
1.0
V
*RP201Q (SC-88A) and RP201N (SOT-23-5) are the discontinued products. As of June in 2016.


Similar Part No. - RP201N401B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RP2010CB-1000JN-91 BARRY-RP2010CB-1000JN-91 Datasheet
248Kb / 2P
   8W Al2O3 Chip Resistor w/ Wraparound Terminals
RP2010CB-1000JN-91TR BARRY-RP2010CB-1000JN-91TR Datasheet
248Kb / 2P
   8W Al2O3 Chip Resistor w/ Wraparound Terminals
RP2010CB-1000JN-91WP BARRY-RP2010CB-1000JN-91WP Datasheet
248Kb / 2P
   8W Al2O3 Chip Resistor w/ Wraparound Terminals
RP2010CB-1000JN-93 BARRY-RP2010CB-1000JN-93 Datasheet
251Kb / 2P
   4W Al2O3 Chip Resistor w/ Wraparound Terminals
RP2010CB-1000JN-93TR BARRY-RP2010CB-1000JN-93TR Datasheet
251Kb / 2P
   4W Al2O3 Chip Resistor w/ Wraparound Terminals
More results

Similar Description - RP201N401B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
RP110 RICOH-RP110_17 Datasheet
664Kb / 37P
   Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
R5326 RICOH-R5326 Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com