Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1093 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC1093
Description  42 GHz Microwave Radio
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1093 Datasheet(HTML) 5 Page - Analog Devices

  HMC1093 Datasheet HTML 1Page - Analog Devices HMC1093 Datasheet HTML 2Page - Analog Devices HMC1093 Datasheet HTML 3Page - Analog Devices HMC1093 Datasheet HTML 4Page - Analog Devices HMC1093 Datasheet HTML 5Page - Analog Devices HMC1093 Datasheet HTML 6Page - Analog Devices HMC1093 Datasheet HTML 7Page - Analog Devices HMC1093 Datasheet HTML 8Page - Analog Devices HMC1093 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC1093
v00.0613
GaAs MMIC SUB HARMONIC
MIXER, 37 - 46.5 GHz
Conversion Loss vs. Temperature
Conversion Loss vs. LO Drive
Input IP3 vs. Temperature
Output IP3 vs. Temperature
-30
-26
-22
-18
-14
-10
-6
-2
2
37
38
39
40
41
42
43
44
45
46
47
+25 C
+85 C
-55 C
RF FREQUENCY (GHz)
-30
-26
-22
-18
-14
-10
-6
-2
2
37
38
39
40
41
42
43
44
45
46
47
-5 dBm
-1 dBm
+3 dBm
RF FREQUENCY (GHz)
10
14
18
22
26
30
34
38
42
37
38
39
40
41
42
43
44
45
46
47
+25 C
+85 C
-55 C
RF FREQUENCY (GHz)
-6
-2
2
6
10
14
18
22
26
30
37
38
39
40
41
42
43
44
45
46
47
+25 C
+85 C
-55 C
RF FREQUENCY (GHz)
Data taken at IF = 3.5 GHz, USB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC1093

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
   GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
More results

Similar Description - HMC1093

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC347 MICROSS-HMC347 Datasheet
860Kb / 9P
   Microwave Radio
HMC553 MICROSS-HMC553 Datasheet
864Kb / 9P
   Microwave Radio
HMC556 MICROSS-HMC556 Datasheet
885Kb / 9P
   Microwave Radio
HMC203 MICROSS-HMC203 Datasheet
753Kb / 7P
   Microwave Radio
logo
Analog Devices
HMC636ST89 AD-HMC636ST89 Datasheet
393Kb / 6P
   Microwave Radio
HMC311LP3 AD-HMC311LP3 Datasheet
360Kb / 6P
   Microwave Radio
logo
Micross Components
HMC557 MICROSS-HMC557 Datasheet
876Kb / 9P
   Microwave Radio
HMC554 MICROSS-HMC554 Datasheet
874Kb / 9P
   Microwave Radio
HMC558 MICROSS-HMC558 Datasheet
878Kb / 9P
   Microwave Radio
logo
Analog Devices
HMC311ST89 AD-HMC311ST89 Datasheet
356Kb / 6P
   Microwave Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com