Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP171N121D-TR-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RP171N121D-TR-FE
Description  Supply Current Typ. 23uA
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP171N121D-TR-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RP171N121D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP171N121D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP171N121D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP171N121D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP171N121D-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP171N121D-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP171N121D-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP171N121D-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RP171N121D-TR-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
RP171x
NO.EA-245-160324
10
Power Dissipation (SOT-23-5)
Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the
measurement at the condition below:
(Power Dissipation (SOT-23-5) is substitution of SOT-23-6.)
Measurement Conditions:
Standard Land Pattern
Environment
Mounting on Board (Wind velocity=0m/s)
Board Material
Glass cloth epoxy plastic (Double sided)
Board Dimensions
40mm
 40mm  1.6mm
Copper Ratio
Top side: Approx. 50%, Back side: Approx. 50%
Through-holes
 0.5mm  44pcs
Measurement Results:
(Ta=25
C)
Standard Land Pattern
Free Air
Power Dissipation
420mW (Tjmax=125
C)
525mW (Tjmax=150
C)
250mW
Thermal Resistance
ja = (125-25C)/0.42W= 238C/W
400
C/W
0
100
200
300
400
500
600
0
25
50
75
100
125
150
Ambient Temperature (°C)
250
420
85
Free Air
On Board
525
Power Dissipation
Measurement Board Pattern
IC Mount Area (Unit: mm)
40
The above graph shows the Power Dissipation of the package under the conditions of Tjmax=125
C
and Tjmax=150
C.
The operation of the IC within the shaded range in the graph might have an affect on the IC’s lifetime.
The operation time of the IC must be remained within the time limit described in the table below.
Operating Time
Estimated Years
(Operating 4 hours/day)
13,000 hours
9 years


Similar Part No. - RP171N121D-TR-FE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP1713-J-12PC HIROSE-RP1713-J-12PC Datasheet
266Kb / 6P
   Push-Pull Lock Connectors
RP1713-J-12SC HIROSE-RP1713-J-12SC Datasheet
266Kb / 6P
   Push-Pull Lock Connectors
RP1713-P-12PC HIROSE-RP1713-P-12PC Datasheet
266Kb / 6P
   Push-Pull Lock Connectors
RP1713-P-12SC HIROSE-RP1713-P-12SC Datasheet
266Kb / 6P
   Push-Pull Lock Connectors
RP1713-R-12PC HIROSE-RP1713-R-12PC Datasheet
266Kb / 6P
   Push-Pull Lock Connectors
More results

Similar Description - RP171N121D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com