Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP173K151D-TR Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP173K151D-TR
Description  Output Current Typ. 150mA
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP173K151D-TR Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP173K151D-TR Datasheet HTML 3Page - RICOH electronics devices division RP173K151D-TR Datasheet HTML 4Page - RICOH electronics devices division RP173K151D-TR Datasheet HTML 5Page - RICOH electronics devices division RP173K151D-TR Datasheet HTML 6Page - RICOH electronics devices division RP173K151D-TR Datasheet HTML 7Page - RICOH electronics devices division RP173K151D-TR Datasheet HTML 8Page - RICOH electronics devices division RP173K151D-TR Datasheet HTML 9Page - RICOH electronics devices division RP173K151D-TR Datasheet HTML 10Page - RICOH electronics devices division RP173K151D-TR Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
RP173x
7
Dropout Voltage
Topt
=25°C
Dropout Voltage VDIF (V)
Output Voltage
VOUT (V)
Condition
Typ.
Max.
1.2
≤ VOUT < 1.3
1.68
2.59
1.3
≤ VOUT < 1.5
1.63
2.49
1.5
≤ VOUT < 1.8
1.48
2.23
1.8
≤ VOUT < 2.3
1.16
2.19
2.3
≤ VOUT < 3.0
0.90
1.47
3.0
≤ VOUT < 4.0
0.61
1.05
4.0
≤ VOUT ≤ 5.5
IOUT
=150mA
0.39
0.76
The values in
are applicable under the condition of
−40°C ≤ Topt ≤ 85°C.
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.


Similar Part No. - RP173K151D-TR

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP17 HIROSE-RP17 Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13J-12PC HIROSE-RP17-13J-12PC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
365Kb / 6P
   Push-Pull Lock Connectors
RP17-13J-12SC HIROSE-RP17-13J-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
RP17-13JA-12SC HIROSE-RP17-13JA-12SC Datasheet
915Kb / 6P
   Small-sized, plastic type, push-pull lock connectors
More results

Similar Description - RP173K151D-TR

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Everlight Electronics C...
30-02UYC EVERLIGHT-30-02UYC Datasheet
196Kb / 7P
   POWER LED @150mA Current
30-02UYC-S599 EVERLIGHT-30-02UYC-S599 Datasheet
196Kb / 7P
   POWER LED @150mA Current
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com