Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP153L030E-E2 Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP153L030E-E2
Description  Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP153L030E-E2 Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP153L030E-E2 Datasheet HTML 1Page - RICOH electronics devices division RP153L030E-E2 Datasheet HTML 2Page - RICOH electronics devices division RP153L030E-E2 Datasheet HTML 3Page - RICOH electronics devices division RP153L030E-E2 Datasheet HTML 4Page - RICOH electronics devices division RP153L030E-E2 Datasheet HTML 5Page - RICOH electronics devices division RP153L030E-E2 Datasheet HTML 6Page - RICOH electronics devices division RP153L030E-E2 Datasheet HTML 7Page - RICOH electronics devices division RP153L030E-E2 Datasheet HTML 8Page - RICOH electronics devices division RP153L030E-E2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
RP153L Series
150 mA Low Voltage Dual-Channel LDO Regulator with Two Input Pins
NO.EA-201-150901
1
OUTLINE
The RP153L is a 150 mA dual-channel LDO regulator that provides high ripple rejection, low dropout voltage,
high output voltage accuracy, and low supply current. Internally, the RP153L consists of a voltage reference
unit, an error amplifier, resistors for setting output voltage, a short current limit circuit, and a chip enable circuit.
The RP153L is available in fixed output voltage options. Besides the low supply current by CMOS, the RP153L
offers a low dropout voltage by built-in low ON resistance Tr. as well as an extended battery life by a chip
enable function. Compared with the existing CMOS-based regulators, the RP153L is further improved in ripple
rejection, line transient response, and load transient response. All these features allow the RP153L to become
ideal power sources for hand-held communication equipment.
The RP153L is offered in an 8-pin DFN1216-8 package which can achieve high-density mounting.
FEATURES
Supply Current ························································RP153LxxxA/ B: Typ. 40 µA x 2
RP153LxxxD/ E: Typ. 85 µA x 2
Standby Current ······················································Typ. 0.1 µA x 2
Ripple Rejection ······················································Typ. 70 dB, f = 1 kHz
Input Voltage Range ·················································1.4 V to 5.25 V
Output Voltage Range···············································0.8 V to 3.6 V, 0.1 V step
Output Voltage Accuracy ···········································±1.0%, VSET > 2.0 V, Ta = 25°C
Temperature-Drift Coefficient of Output Voltage ··············Typ. ±80 ppm/°C
Dropout Voltage·······················································Typ. 0.20 V, IOUT = 150 mA, VSET = 2.8 V
Line Regulation ·······················································Typ. 0.02%/ V
Package ································································DFN1216-8
Short-current Limit ···················································Typ. 40 mA
Overcurrent Protection
Ceramic Capacitor Compatible ···································0.22 µF or more
APPLICATIONS
Battery-powered Equipment
Portable Communication Equipment, Camera
Home Electrical Appliances


Similar Part No. - RP153L030E-E2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1205DA RECOM-RP15-1205DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-1205DA RECOM-RP15-1205DA Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
More results

Similar Description - RP153L030E-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
RP105 RICOH-RP105 Datasheet
3Mb / 38P
   Supply Current Typ. 28 uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com