Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP131K201B-TR Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RP131K201B-TR
Description  Output Current Min. 1A
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP131K201B-TR Datasheet(HTML) 4 Page - RICOH electronics devices division

  RP131K201B-TR Datasheet HTML 1Page - RICOH electronics devices division RP131K201B-TR Datasheet HTML 2Page - RICOH electronics devices division RP131K201B-TR Datasheet HTML 3Page - RICOH electronics devices division RP131K201B-TR Datasheet HTML 4Page - RICOH electronics devices division RP131K201B-TR Datasheet HTML 5Page - RICOH electronics devices division RP131K201B-TR Datasheet HTML 6Page - RICOH electronics devices division RP131K201B-TR Datasheet HTML 7Page - RICOH electronics devices division RP131K201B-TR Datasheet HTML 8Page - RICOH electronics devices division RP131K201B-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
RP131x
NO.EA-174-160426
4
DFN(PLP)1820-6
Pin No.
Symbol
Pin Description
1
VOUT
Output Pin∗2
2
VOUT
Output Pin∗2
3
GND
Ground Pin
4
CE
Chip Enable Pin ("H" Active)
5
VDD
Input Pin∗2
6
VDD
Input Pin∗2
∗1) Tab is GND level. (They are connected to the reverse side of this IC.)
The tab is better to be connected to the GND, but leaving it open is also acceptable.
∗2) When you use this IC, please make sure be wired with 1pin with 2pin and 5pin with 6pin.
SOT-89-5
Pin No.
Symbol
Pin Description
1
NC
No Connection
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
VDD
Input Pin
5
VOUT
Output Pin
HSOP-6J
Pin No.
Symbol
Pin Description
1
VOUT
Output Pin
2
GND
Ground Pin∗3
3
NC
No Connection
4
CE
Chip Enable Pin ("H" Active)
5
GND
Ground Pin∗3
6
VDD
Input Pin
∗3) When you use this IC, please make sure be wired with 2pin and 5pin.
TO-252-5-P2
Pin No.
Symbol
Pin Description
1
VOUT
Output Pin
2
GND
Ground Pin∗4
3
GND
Ground Pin∗4
4
CE
Chip Enable Pin ("H" Active)
5
VDD
Input Pin
∗4) When you use this IC, please make sure be wired with 2pin and 3pin.


Similar Part No. - RP131K201B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP131K121A5 RICOH-RP131K121A5 Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
RP131K121B5 RICOH-RP131K121B5 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP131K121D5 RICOH-RP131K121D5 Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
RP131K511A RICOH-RP131K511A Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
RP131K511B RICOH-RP131K511B Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
More results

Similar Description - RP131K201B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP132 RICOH-RP132 Datasheet
1Mb / 47P
   Output Current Min. 1A
RP108J RICOH-RP108J Datasheet
1Mb / 28P
   Output Current Min. 3A
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
   1A Output Current
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Linear Technology
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
Omron Electronics LLC
EE-SX2088 OMRON-EE-SX2088 Datasheet
769Kb / 3P
   0.5-mA output min. with only 1-mA forward LED current.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com