Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP153L030A-E2 Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RP153L030A-E2
Description  Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP153L030A-E2 Datasheet(HTML) 4 Page - RICOH electronics devices division

  RP153L030A-E2 Datasheet HTML 1Page - RICOH electronics devices division RP153L030A-E2 Datasheet HTML 2Page - RICOH electronics devices division RP153L030A-E2 Datasheet HTML 3Page - RICOH electronics devices division RP153L030A-E2 Datasheet HTML 4Page - RICOH electronics devices division RP153L030A-E2 Datasheet HTML 5Page - RICOH electronics devices division RP153L030A-E2 Datasheet HTML 6Page - RICOH electronics devices division RP153L030A-E2 Datasheet HTML 7Page - RICOH electronics devices division RP153L030A-E2 Datasheet HTML 8Page - RICOH electronics devices division RP153L030A-E2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
RP153L
NO.EA-201-150901
4
PIN DESCRIPTIONS
Top View
8
7
6
1
2
3
4
5
Bottom View
56
7
32
1
4
8
DFN1216-8 Pin Configuration
DFN1216-8 Pin Description
Pin No.
Symbol
Description
1
GND
Ground Pin
2
VOUT1
Output Pin 1
3
VOUT2
Output Pin 2
4
GND
Ground Pin
5
CE2
Chip Enable Pin 2, Active-high
6
VDD2
Input Pin 2
7
VDD1
Input Pin 1
8
CE1
Chip Enable Pin 1, Active-high
 The tab on the bottom of the package enhances thermal performance and is electrically connected to GND (substrate
level). It is recommended that the tab be connected to the ground plane on the board, or otherwise be left floating.


Similar Part No. - RP153L030A-E2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1205DA RECOM-RP15-1205DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-1205DA RECOM-RP15-1205DA Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
More results

Similar Description - RP153L030A-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
RP105 RICOH-RP105 Datasheet
3Mb / 38P
   Supply Current Typ. 28 uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com