Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114N301B-TR-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RP114N301B-TR-FE
Description  Supply Current Typ. 50uA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP114N301B-TR-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RP114N301B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP114N301B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP114N301B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP114N301B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP114N301B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP114N301B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP114N301B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP114N301B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP114N301B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
RP114x
NO. EA-236-160824
8
PACKAGE INFORMATION
Power Dissipation (DFN(PLP)1010-4)
Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the
Measurement Conditions below.
Measurement Conditions
Standard Land Pattern
Environment
Mounting on Board (Wind Velocity=0m/s)
Board Material
Glass Cloth Epoxy Plastic (Double-sided)
Board Dimensions
40mm x 40mm x 1.6mm
Copper Ratio
Top-side: Approx. 50%, Back-side: Approx. 50%
Through-hole
φ 0.54mm x 24pcs
Measurement Result
(Ta=25
°C)
Standard Land Pattern
Power Dissipation
400mW (Tjmax=125
°C)
500mW (Tjmax=150
°C)
Thermal Resistance
θja=(125-25°C)/0.4W=250 °C/W
θjc=67 °C/W
Note: The above graph shows the power dissipation of the package based on Tjmax=125ºC and
Tjmax=150ºC. Operating the IC within the shaded area in the graph might have an influence on its
lifetime.
Operating time must be within the time limit described in the table below.
Operating Time
Estimated Years
(Operating 4 hrs/ day)
13,000 hours
9 Years
40
Measurement Board Pattern
IC Mount Area (Unit: mm)


Similar Part No. - RP114N301B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP114N361-TR-FE NISSHINBO-RP114N361-TR-FE Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
More results

Similar Description - RP114N301B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP109 RICOH-RP109 Datasheet
815Kb / 42P
   Supply Current Typ. 50uA
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com