Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP153L025A-E2 Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP153L025A-E2
Description  Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP153L025A-E2 Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP153L025A-E2 Datasheet HTML 2Page - RICOH electronics devices division RP153L025A-E2 Datasheet HTML 3Page - RICOH electronics devices division RP153L025A-E2 Datasheet HTML 4Page - RICOH electronics devices division RP153L025A-E2 Datasheet HTML 5Page - RICOH electronics devices division RP153L025A-E2 Datasheet HTML 6Page - RICOH electronics devices division RP153L025A-E2 Datasheet HTML 7Page - RICOH electronics devices division RP153L025A-E2 Datasheet HTML 8Page - RICOH electronics devices division RP153L025A-E2 Datasheet HTML 9Page - RICOH electronics devices division RP153L025A-E2 Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
RP153L
NO.EA-201-150901
6
ELECTRICAL CHARACTERISTICS
VIN = VSET + 1.0 V (VSET
> 1.5 V), VIN = 2.5 V (VSET ≤ 1.5 V), IOUT = 1 mA, CIN = COUT = 0.22 µF, unless otherwise noted.
The specifications surrounded by
are guaranteed by Design Engineering at −40°C ≤ Ta ≤ 85°C.
RP153L (VR1/ VR2) Electrical Characteristics
(Ta = 25°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
Ta = 25°C
VSET > 2.0 V
0.99
1.01
V
VSET ≤ 2.0 V
−20
20
mV
−40°C ≤ Ta ≤ 85°C
VSET > 2.0 V
0.97
1.03
V
VSET ≤ 2.0 V
−60
60
mV
IOUT
Output Current
150
mA
VOUT
/
IOUT
Load Regulation
1 mA ≤ IOUT ≤ 150 mA
Refer to Product-specific
Electrical Characteristics
VDIF
Dropout Voltage
IOUT
150 mA
ISS
Supply Current
IOUT = 0 mA
RP153LxxxA/ B
40
60
µA
RP153LxxxD/ E
85
120
Istandby
Standby Current
VCE = 0 V
0.1
1.0
µA
VOUT
/
VIN
Line Regulation
VSET + 0.5 V ≤ VIN ≤ 5.0 V
0.02
0.10
%/V
RR
Ripple Rejection
f = 1 kHz, Ripple 0.2 Vp-p
VIN = VSET + 1.0 V, IOUT = 30 mA
Notes: VIN = 3.0 V when VSET ≤ 2.0 V
70
dB
VOUT
/
Ta
Output Voltage
Temperature Coefficient
−40°C ≤ Ta ≤ 85°C
80
ppm
/°C
ISC
Short Current Limit
VSET = 0 V
40
mA
IPD
CE Pull-down Current
0.3
µA
VCEH
CE Input Voltage "H"
1.0
V
VCEL
CE Input Voltage "L"
0.4
V
en
Output Noise
BW = 10 Hz to 100 kHz
60
µVrms
RLOW
Low Output Nch Tr.
ON Resistance
(RP153LxxxB/ E)
VIN = 4.0 V, VCE = 0 V
50
All test items listed under ELECTRICAL CHARACTERISTICS are done under the pulse load condition (Tj ≈Ta = 25°C)
except for Output Noise, Ripple Rejection and Output Voltage Temperature Coefficient.


Similar Part No. - RP153L025A-E2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1205DA RECOM-RP15-1205DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-1205DA RECOM-RP15-1205DA Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
More results

Similar Description - RP153L025A-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
RP105 RICOH-RP105 Datasheet
3Mb / 38P
   Supply Current Typ. 28 uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com