Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP114N201B-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP114N201B-TR-FE
Description  Supply Current Typ. 50uA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP114N201B-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP114N201B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP114N201B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP114N201B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP114N201B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP114N201B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP114N201B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP114N201B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP114N201B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP114N201B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
RP114x
NO. EA-236-160824
5
ELECTRICAL CHARACTERISTICS
RP114x
VIN
=VSET+1.0V (VSET > 1.5V), VIN=2.5V (VSET ≤ 1.5V), IOUT=1mA, CIN=COUT=1.0µF, unless otherwise noted.
VSET is Set Output Voltage.
The specifications in
are guaranteed by design engineering at -40ºC
≤ Ta ≤ 85ºC.
RP114xxxxB/D
(Ta=25
°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
Ta=25
°C
VSET > 2.0V
×0.99
×1.01
V
VSET
≤ 2.0V
-20
+20
mV
-40
°C
≤ Ta ≤ 85°C
VSET > 2.0V
×0.97
×1.03
V
VSET
≤ 2.0V
-60
+60
mV
IOUT
Output Current
300
mA
∆VOUT
/
∆IOUT
Load Regulation
1mA
≤ IOUT ≤ 300mA
15
40
mV
VDIF
Dropout Voltage
Please refer to Dropout Voltage shown on the next page.
ISS
Supply Current
IOUT = 0mA
50
75
μA
Istandby
Standby Current
VCE= 0V
0.1
1.0
μA
∆VOUT
/
∆VIN
Line Regulation
VSET+0.5V
≤ VIN ≤ 5.25V
(VIN
≥ 1.4V)
0.02
0.10
%/V
RR
Ripple Rejection
f=1kHz
Ripple 0.2Vp-p
VIN=VSET +1V
IOUT=30mA
(When VSET
≤ 2.0V, VIN=3.0V)
75
dB
VIN
Input Voltage*2
1.4
5.25
V
∆VOUT
/
∆Ta
Output Voltage
Temperature Coefficient
-40
°C
≤ Ta ≤ 85°C
±80
ppm
/
°C
ISC
Short Current Limit
V
OUT
=0V
60
mA
IPD
CE Pull-down Current
0.3
0.6
μA
VCEH
CE Input Voltage “H”
1.0
V
VCEL
CE Input Voltage “L”
0.4
V
en
Output Noise
BW=10Hz to 100kHz
IOUT=30mA
75
μVrms
RLOW
LOW Output Nch On
Resistance
(D version only)
VIN=4.0V
VCE=0V
50
Ω
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj
≈Ta=25ºC) except for Output
Noise, Ripple Rejection, and Output Voltage Temperature Coefficient.
*2 The maximum input voltage listed under Electrical Characteristics is 5.25V. If, for any reason the input voltage exceeds
5.25V, it has to be no more than 5.5V with 500hrs of the total operating time.


Similar Part No. - RP114N201B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP114N081-TR-FE NISSHINBO-RP114N081-TR-FE Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
RP114N361-TR-FE NISSHINBO-RP114N361-TR-FE Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
More results

Similar Description - RP114N201B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP109 RICOH-RP109 Datasheet
815Kb / 42P
   Supply Current Typ. 50uA
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com