Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP153L010A-E2 Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RP153L010A-E2
Description  Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP153L010A-E2 Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RP153L010A-E2 Datasheet HTML 7Page - RICOH electronics devices division RP153L010A-E2 Datasheet HTML 8Page - RICOH electronics devices division RP153L010A-E2 Datasheet HTML 9Page - RICOH electronics devices division RP153L010A-E2 Datasheet HTML 10Page - RICOH electronics devices division RP153L010A-E2 Datasheet HTML 11Page - RICOH electronics devices division RP153L010A-E2 Datasheet HTML 12Page - RICOH electronics devices division RP153L010A-E2 Datasheet HTML 13Page - RICOH electronics devices division RP153L010A-E2 Datasheet HTML 14Page - RICOH electronics devices division RP153L010A-E2 Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
RP153L
NO.EA-201-150901
11
3.6 V (VR1/ VR2)
3) Supply Current vs. Input Voltage
0.8 V (VR1/ VR2)
2.5 V (VR1/ VR2)
3.6 V (VR1/ VR2)
0
4.0
0.5
1.0
2.0
1.5
3.0
2.5
3.5
01
34
25
Input Voltage VIN (V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
0
40
10
20
30
03
4
2
15
Input Voltage VIN (V)
0
40
10
20
30
03
4
2
15
Input Voltage VIN (V)
0
40
10
20
30
03
4
2
15
Input Voltage VIN (V)


Similar Part No. - RP153L010A-E2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1205DA RECOM-RP15-1205DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
RP15-1205DA RECOM-RP15-1205DA Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1205DF RECOM-RP15-1205DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
More results

Similar Description - RP153L010A-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
RP105 RICOH-RP105 Datasheet
3Mb / 38P
   Supply Current Typ. 28 uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com