Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM27C256VE150 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM27C256VE150
Description  262,144-Bit (32K x 8) High Performance CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM27C256VE150 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  NM27C256VE150 Datasheet HTML 1Page - National Semiconductor (TI) NM27C256VE150 Datasheet HTML 2Page - National Semiconductor (TI) NM27C256VE150 Datasheet HTML 3Page - National Semiconductor (TI) NM27C256VE150 Datasheet HTML 4Page - National Semiconductor (TI) NM27C256VE150 Datasheet HTML 5Page - National Semiconductor (TI) NM27C256VE150 Datasheet HTML 6Page - National Semiconductor (TI) NM27C256VE150 Datasheet HTML 7Page - National Semiconductor (TI) NM27C256VE150 Datasheet HTML 8Page - National Semiconductor (TI) NM27C256VE150 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Programming Characteristics (Notes 1 2 3 4 and 5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tAS
Address Setup Time
1
m
s
tOES
OE Setup Time
1
m
s
tVPS
VPP Setup Time
1
m
s
tVCS
VCC Setup Time
1
m
s
tDS
Data Setup Time
1
m
s
tAH
Address Hold Time
0
m
s
tDH
Data Hold Time
1
m
s
tDF
Output Enable to Output
CE e VIL
060
ns
Float Delay
tPW
Program Pulse Width
95
100
105
m
s
tOE
Data Valid from OE
CE e VIL
100
ns
IPP
VPP Supply Current
CE e VIL
30
mA
during Programming Pulse
ICC
VCC Supply Current
50
mA
TA
Temperature Ambient
20
25
30
C
VCC
Power Supply Voltage
60
625
65
V
VPP
Programming Supply Voltage
125
1275
130
V
tFR
Input Rise Fall Time
5
ns
VIL
Input Low Voltage
00
045
V
VIH
Input High Voltage
24
40
V
tIN
Input Timing Reference Voltage
08
20
V
tOUT
Output Timing Reference Voltage
08
20
V
Programming Waveforms (Note 3)
TLD10833 – 5
Note 1
National’s standard product warranty applies to devices programmed to specifications described herein
Note 2
VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP The EPROM must not be inserted into or removed from a
board with voltage applied to VPP or VCC
Note 3
The maximum absolute allowable voltage which may be applied to the VPP pin during programming is 14V Care must be taken when switching the VPP
supply to prevent any overshoot from exceeding this 14V maximum specification At least a 01 mF capacitor is required across VPP VCC to GND to suppress
spurious voltage transients which may damage the device
Note 4
Programming and program verify are tested with the Fast Program Algorithm at typical power supply voltages and timings
Note 5
During power up the PGM pin must be brought high (t VIH) either coincident with or before power is applied to VPP
5


Similar Part No. - NM27C256VE150

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C256VE150 FAIRCHILD-NM27C256VE150 Datasheet
110Kb / 11P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
More results

Similar Description - NM27C256VE150

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C256 FAIRCHILD-NM27C256 Datasheet
110Kb / 11P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
FM27C256 FAIRCHILD-FM27C256 Datasheet
103Kb / 10P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
   Military 32K x 8 CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com