Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431A Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # TL431A
Description  Adjustable Precision Shunt Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

TL431A Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  TL431A Datasheet HTML 1Page - Analog Intergrations Corporation TL431A Datasheet HTML 2Page - Analog Intergrations Corporation TL431A Datasheet HTML 3Page - Analog Intergrations Corporation TL431A Datasheet HTML 4Page - Analog Intergrations Corporation TL431A Datasheet HTML 5Page - Analog Intergrations Corporation TL431A Datasheet HTML 6Page - Analog Intergrations Corporation TL431A Datasheet HTML 7Page - Analog Intergrations Corporation TL431A Datasheet HTML 8Page - Analog Intergrations Corporation TL431A Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AIC431/TL431A/TL431
3
SOT-89 Marking
Part No.
PX
GX
AIC431
AC1BP
AC1BG
TL431
AC2BP
AC2BG
TL431A
AC3BP
AC3BG
ABSOLUTE MAXIMUM RATINGS
Cathode Voltage
30V
Continuous Cathode Current
-10mA ~ 250mA
Reference Input Current Range
10mA
Operating Temperature Range
–40
C to 85C
Maximum Junction Temperature
125
C
Storage Temperature Range
–65
C to 150C
Lead Temperature (Soldering, 10 sec)
260
C
Power Dissipation
SOT-89 Package
0.80W
TO-92 Package
0.78W
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
VREF
IREF
IZ
VZ
IIN
IN
AIC431
R2
R1
VREF
IREF
IZ
VZ
IN
IIN
AIC431
Note: VZ=VREF(1+R1/R2)+IREFxR1
Fig. 1 Test Circuit for VZ=VREF
Fig. 2 Test Circuit for VZ>VREF
IN
V
Z
I
Z(OFF)
AIC431
Fig. 3 Test Circuit for off-state Current


Similar Part No. - TL431A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431A TI-TL431A Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431A TI-TL431A Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431A TI1-TL431A Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
logo
Analog Intergrations Co...
TL431A AIC-TL431A Datasheet
194Kb / 11P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431A TI-TL431A Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Similar Description - TL431A

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com