Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP131 Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP131
Description  Output Current Min. 1A
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP131 Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP131 Datasheet HTML 1Page - RICOH electronics devices division RP131 Datasheet HTML 2Page - RICOH electronics devices division RP131 Datasheet HTML 3Page - RICOH electronics devices division RP131 Datasheet HTML 4Page - RICOH electronics devices division RP131 Datasheet HTML 5Page - RICOH electronics devices division RP131 Datasheet HTML 6Page - RICOH electronics devices division RP131 Datasheet HTML 7Page - RICOH electronics devices division RP131 Datasheet HTML 8Page - RICOH electronics devices division RP131 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
RP131x SERIES
LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
NO.EA-174-160426
1
OUTLINE
The RP131x Series are voltage-regulators with a built-in low ON-resistance transistor and output current is 1A
capability. These ICs are capable of the low input voltage (Min.1.6V) and also the minimum output voltage can be
set from 0.8V. (The output voltage is fixed in the IC.)
Each of these ICs consists of a voltage reference unit, an error amplifier, a resistor net for setting output voltage,
a chip enable circuit, current limit circuits for over-current and short, and a thermal-shutdown circuit.
A standby mode with ultra low supply current can be realized with the chip enable function.
The packages for these ICs are DFN1616-6B and DFN(PLP)1820-6 which are suitable for high density mounting
of the ICs on boards. SOT-89-5, HSOP-6J and TO-252-5-P2 with high power dissipation are also available.
FEATURES
• Output Current ............................................................ Min. 1A
• Supply Current ............................................................. Typ. 65μA
• Standby Current ......................................................... Typ. 0.15μA
• Input Voltage Range ................................................... 1.6V to 6.5V
• Output Voltage Range.................................................. 0.8V to 5.5V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Dropout Voltage............................................................ Typ. 0.5V (VOUT=2.8V, IOUT=1A)
• Ripple Rejection ........................................................... Typ. 70dB (f=1kHz, VOUT=2.8V)
• Output Voltage Accuracy.............................................. ±1.0%
• Temperature-Drift Coefficient of Output Voltage .......... Typ. ±100ppm/°C
• Line Regulation ............................................................ Typ. 0.05%/V
• Load Regulation ......................................................... Typ. 20mV at IOUT=300mA, Typ. 80mV at IOUT=1A
Packages ............................................................... DFN1616-6B, DFN(PLP)1820-6, SOT-89-5, HSOP-6J,
TO-252-5-P2
• Built-in Inrush current limit circuit ............................... Typ. 500mA
• Built-in Fold-Back Protection Circuit ........................... Typ. 250mA (Current at short mode)
• Built-in Thermal Shutdown Circuit .............................. Thermal Shutdown Temperature ; Typ. 165°C
Released Temperature ; Typ. 135
°C
• Built-in Auto Discharge Function ................................ D version
• Ceramic capacitors are recommended to be used with this IC .... 2.2μF or more (VOUT≤3.6V)
4.7
μF or more (VOUT>3.6V)
APPLICATIONS
• Power source for battery-powered equipment.
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for Notebook PC.
• Power source for home appliances.


Similar Part No. - RP131

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RP1315 SUMIDA-RP1315 Datasheet
70Kb / 2P
   Power Inductor< PIN Type: RP Series>
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RP1315BNP-100M SUMIDA-RP1315BNP-100M Datasheet
70Kb / 2P
   Power Inductor< PIN Type: RP Series>
RP1315BNP-100M SUMIDA-RP1315BNP-100M Datasheet
147Kb / 5P
   PIN Power Inductor
More results

Similar Description - RP131

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP132 RICOH-RP132 Datasheet
1Mb / 47P
   Output Current Min. 1A
RP108J RICOH-RP108J Datasheet
1Mb / 28P
   Output Current Min. 3A
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
   1A Output Current
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
   Output Current in Excess of 1A
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
   Output current in excess of 1A
logo
Linear Technology
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
[Old version datasheet]   Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
Omron Electronics LLC
EE-SX2088 OMRON-EE-SX2088 Datasheet
769Kb / 3P
   0.5-mA output min. with only 1-mA forward LED current.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com