Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC557ALC4 Datasheet(PDF) 8 Page - Analog Devices

Part # HMC557ALC4
Description  24-terminal ceramic leadless chip carrier package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC557ALC4 Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC557ALC4 Datasheet HTML 4Page - Analog Devices HMC557ALC4 Datasheet HTML 5Page - Analog Devices HMC557ALC4 Datasheet HTML 6Page - Analog Devices HMC557ALC4 Datasheet HTML 7Page - Analog Devices HMC557ALC4 Datasheet HTML 8Page - Analog Devices HMC557ALC4 Datasheet HTML 9Page - Analog Devices HMC557ALC4 Datasheet HTML 10Page - Analog Devices HMC557ALC4 Datasheet HTML 11Page - Analog Devices HMC557ALC4 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
HMC557A
Data Sheet
Rev. C | Page 8 of 23
30
25
20
15
10
5
0
2
3
4
5
6
7
8
9
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 13. Input IP3 vs. RF Frequency at Various Temperatures,
LO Drive = 15 dBm
80
70
60
50
40
30
20
10
2
3
4
5
6
7
8
9
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 14. Input IP2 vs. RF Frequency at Various Temperatures,
LO Drive = 15 dBm
30
25
20
15
10
5
0
2
3
4
5
6
7
8
9
RF FREQUENCY (GHz)
LO = 9dBm
LO = 11dBm
LO = 13dBm
LO = 15dBm
LO = 17dBm
Figure 15. Input IP3 vs. RF Frequency at Various LO Drives
80
70
60
50
40
30
20
10
2
3
4
5
6
7
8
9
RF FREQUENCY (GHz)
LO = 9dBm
LO = 11dBm
LO = 13dBm
LO = 15dBm
LO = 17dBm
Figure 16. Input IP2 vs. RF Frequency at Various LO Drives


Similar Part No. - HMC557ALC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC557 HITTITE-HMC557 Datasheet
230Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
HMC557 HITTITE-HMC557 Datasheet
222Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
logo
Micross Components
HMC557 MICROSS-HMC557 Datasheet
876Kb / 9P
   Microwave Radio
logo
Hittite Microwave Corpo...
HMC557LC4 HITTITE-HMC557LC4 Datasheet
203Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
HMC557LC4 HITTITE-HMC557LC4 Datasheet
188Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
More results

Similar Description - HMC557ALC4

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
LCC AMKOR-LCC Datasheet
459Kb / 1P
   Leadless Chip Carrier Package
logo
National Semiconductor ...
MKT-E32B NSC-MKT-E32B Datasheet
31Kb / 1P
   LEADLESS CHIP CARRIER, TYPE C, 32 TERMINAL
logo
Vishay Siliconix
PL340 VISHAY-PL340 Datasheet
140Kb / 2P
   Plastic Leadless Chip Carrier
Revision 14-Nov-02
logo
Mitsubishi Electric Sem...
MGF1952A MITSUBISHI-MGF1952A Datasheet
150Kb / 5P
   Microwave Power MES FET (Leadless Ceramic Package)
MGF4953A MITSUBISHI-MGF4953A Datasheet
205Kb / 5P
   SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4851A MITSUBISHI-MGF4851A Datasheet
136Kb / 5P
   SUPER LOW NOISE InGaAs HEMT (Leadless Ceramic Package)
MGF4953B MITSUBISHI-MGF4953B Datasheet
119Kb / 5P
   SUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package
logo
TT Electronics.
BCN31 TTELEC-BCN31 Datasheet
274Kb / 3P
   Leadless Chip Packages
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1 Datasheet
122Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
1N746AUR-1 MICROSEMI-1N746AUR-1 Datasheet
44Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com