Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC437MS8G Datasheet(PDF) 5 Page - Analog Devices

Part # HMC437MS8G
Description  MS8G SMT Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC437MS8G Datasheet(HTML) 5 Page - Analog Devices

  HMC437MS8G Datasheet HTML 1Page - Analog Devices HMC437MS8G Datasheet HTML 2Page - Analog Devices HMC437MS8G Datasheet HTML 3Page - Analog Devices HMC437MS8G Datasheet HTML 4Page - Analog Devices HMC437MS8G Datasheet HTML 5Page - Analog Devices HMC437MS8G Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4
4 - 5
Application Circuit
HMC437MS8G / 437MS8GE
SMT GaAs HBT MMIC
DIVIDE-BY-3, DC - 7 GHz
v05.1211
Pin number
Function
Description
interface schematic
4, 5
GnD
All ground leads and ground paddle must be soldered
to PcB rF/Dc ground.
6
out
Divided output 180° out of phase with pin 7.
7
out
Divided output.
8
n/c
The pins are not connected internally; however, all
data shown herein was measured with these pins
connected to rF/Dc ground externally.
Pin Description (Continued)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC437MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC437MS8G HITTITE-HMC437MS8G Datasheet
227Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
HMC437MS8G HITTITE-HMC437MS8G Datasheet
233Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7 GHz
HMC437MS8G HITTITE-HMC437MS8G Datasheet
311Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
HMC437MS8GE HITTITE-HMC437MS8GE Datasheet
233Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7 GHz
HMC437MS8G HITTITE-HMC437MS8G_06 Datasheet
311Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7.0 GHz
More results

Similar Description - HMC437MS8G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GW-DASPA2.EC OSRAM-GW-DASPA2.EC Datasheet
1Mb / 25P
   SMT package
GD-DASPA2.14 OSRAM-GD-DASPA2.14 Datasheet
1Mb / 21P
   SMT package
GF-DASPA2.24 OSRAM-GF-DASPA2.24 Datasheet
1Mb / 21P
   SMT package
GR-DASPA2.23 OSRAM-GR-DASPA2.23 Datasheet
1Mb / 21P
   SMT package
GY-DASPA2.23 OSRAM-GY-DASPA2.23 Datasheet
1Mb / 21P
   SMT package
LWVH8G-Q2OO-4M6N-1 OSRAM-LWVH8G-Q2OO-4M6N-1 Datasheet
964Kb / 23P
   SMT package
GWDASPA2.EC OSRAM-GWDASPA2.EC Datasheet
1Mb / 25P
   SMT package
GB-DASPA1.13 OSRAM-GB-DASPA1.13 Datasheet
1Mb / 22P
   SMT package
GR-DASPA1.23 OSRAM-GR-DASPA1.23 Datasheet
566Kb / 22P
   SMT package
GT-DASPA1.13 OSRAM-GT-DASPA1.13 Datasheet
1Mb / 22P
   SMT package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com