Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG4KB40G Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # UG4KB40G
Description  SINGLE PHASE 4.0AMP GLASS PASSIVATED BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UG4KB40G Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  UG4KB40G Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UG4KB40G Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. UG4KB40G Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
//htmlimg2.alldatasheet.com/htmldatasheet2/899332/DYELEC/UG4KB40G/217/1/UG4KB40G.png


Similar Part No. - UG4KB40G

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
UG4KB40G CHENDA-UG4KB40G Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
UG4KB40G DYELEC-UG4KB40G Datasheet
441Kb / 2P
   SINGLE PHASE 4.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Electronics ...
UG4KB40G CHENDA-UG4KB40G Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - UG4KB40G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UG4KB05 DYELEC-UG4KB05 Datasheet
413Kb / 2P
   SINGLE PHASE 4.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG4KB05G DYELEC-UG4KB05G Datasheet
441Kb / 2P
   SINGLE PHASE 4.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KBP4005G SMCDIODE-KBP4005G Datasheet
317Kb / 5P
   SINGLE PHASE 4.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
logo
Shenzhen Luguang Electr...
KBL401G LUGUANG-KBL401G Datasheet
222Kb / 2P
   Single Phase 4.0AMP. Glass Passivated Bridge Rectifiers
logo
SMC Diode Solutions Co....
HBS402 SMCDIODE-HBS402 Datasheet
562Kb / 5P
   Glass Passivated Single-Phase 4.0Amp Surface Mount Bridge Rectifier
logo
SeCoS Halbleitertechnol...
GBU4005 SECOS-GBU4005_18 Datasheet
376Kb / 2P
   4.0Amp Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
KBL4005 LUGUANG-KBL4005 Datasheet
258Kb / 2P
   Single Phase 4.0AMP. Silicon Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
KBL005G SECOS-KBL005G Datasheet
145Kb / 2P
   Voltage 50V ~ 1000V, 4.0Amp Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
KBL401 LUGUANG-KBL401 Datasheet
219Kb / 2P
   Single Phase 4.0AMP. Silicon Bridge Rectifiers
logo
First Components Intern...
GBL400G FCI-GBL400G Datasheet
235Kb / 2P
   4.0Amp GLASS PASSIVATED BRIGGE Rectifiers GLASS PASSIVATED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com