Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP2Y0D340K Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2Y0D340K
Description  Compact Distance Measuring Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2Y0D340K Datasheet(HTML) 3 Page - Sharp Corporation

  GP2Y0D340K Datasheet HTML 1Page - Sharp Corporation GP2Y0D340K Datasheet HTML 2Page - Sharp Corporation GP2Y0D340K Datasheet HTML 3Page - Sharp Corporation GP2Y0D340K Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig.3 Distance Characteristics
GP2Y0D340K
05
35
30
25
20
15
10
45
50
55
60
L
H
HL
Hystersis width
Distance to reflective object L (cm)
Output H
Output L
Output switching point distance
L
=40±5cm
40


Similar Part No. - GP2Y0D340K

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0D340K SHARP-GP2Y0D340K_06 Datasheet
614Kb / 9P
   Distance Measuring Sensor Unit Digital output (400 mm) type
More results

Similar Description - GP2Y0D340K

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D02 SHARP-GP2D02 Datasheet
49Kb / 4P
   Compact, High Sensitive Distance Measuring Sensor
GP2D12 SHARP-GP2D12 Datasheet
64Kb / 4P
   General Purpose Type Distance Measuring Sensors
GP2Y0A21YK SHARP-GP2Y0A21YK Datasheet
71Kb / 4P
   General Purpose Type Distance Measuring Sensors
GP2D120 SHARP-GP2D120 Datasheet
414Kb / 10P
   DISTANCE MEASURING SENSOR
GP2Y0A60SZ0F SHARP-GP2Y0A60SZ0F Datasheet
690Kb / 10P
   Distance Measuring Sensor Unit
GP2Y0E03 SHARP-GP2Y0E03 Datasheet
743Kb / 11P
   Distance Measuring Sensor Unit
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
GP2Y0A51SK0F SHARP-GP2Y0A51SK0F Datasheet
966Kb / 8P
   Distance Measuring Sensor Unit
GP2D150A SHARP-GP2D150A Datasheet
47Kb / 4P
   General Purpose Distance Measuring Sensor
GP2Y0A710K0F SHARP-GP2Y0A710K0F Datasheet
343Kb / 9P
   Distance Measuring Sensor Unit Measuring distance: 100 to 550 cm Analog output type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com