Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91A2A-G28-L15 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 91A2A-G28-L15
Description  Long Life Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

91A2A-G28-L15 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  91A2A-G28-L15 Datasheet HTML 1Page - Bourns Electronic Solutions 91A2A-G28-L15 Datasheet HTML 2Page - Bourns Electronic Solutions 91A2A-G28-L15 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Model 91, 92, 93 & 95 - Long Life Series
Product Dimensions
Model 91 PC Pin Terminals, In-Line
Model 93 PC Pin Terminals, "L" Pattern
.41
(.016)
Model 95 Solder Lug Terminals, "Triangular" Pattern
10.16
(.40)
4.45 ± .38
(.175 ± .015)
5.59 ± .20
(.220 ± .008)
4.45 ± .38
(.175 ± .015)
2.54
(.100)
2.54
(.100)
5.08 ± 1.02
(.200 ± .040)
2.03
(.080)
3 PLCS.
(.040)
WIDE X
(.090)
LONG
3 PLCS.
1.02
2.29
5.08
(.20)
Model 92 J-Hooked
Terminals, In-Line
1.52
(.06)
.254
(.010)
GAP
.79
(.031) 2 PLCS.
321
120 ° ± 5 ° STD.
FLAT ORIENTATION
(SHAFT AT CCW END)
1
3
CCW
2
POTENTIOMETER
Shaft Flat Orientation
DIA.
13.72 ± 0.38
(.540 ± .015)
15.88
(.625)
22.86 ± 0.43
(.900 ± .017)
12.70 ± .229
(.500 ± .009)
MOUNTING
SURFACE
0.76 ± 0.05
(.030 ± .002)
TYP.
2.54
(.100)
2.54
(.100)
0.79 ± .025
(.031 ± .010)
1.19
(.047)
“A” STYLE
A.R. LUG
R
1.37 ± 0.08
(.054 ± .003)
2.36 ± 0.08
(.093 ± .003)
7.92
(.312)
9.53
(.375)
15.29 ± 0.56
(.602 ± .022)
SEE
HOW TO ORDER
CHART FOR
BUSHING OPTIONS.
SEE
NEXT PAGE
FOR SHAFT
OPTIONS.
10.16 ± 0.30
(.400 ± .012)
33
22
11
R2
R1
11.05 ± 0.20
(.435 ± .008)
DIA.
13.72 ± 0.38
(.540 ± .015)
15.88
(.625)
22.86 ± 0.43
(.900 ± .017)
12.70 ± .229
(.500 ± .009)
MOUNTING
SURFACE
0.76 ± 0.05
(.030 ± .002)
TYP.
2.54
(.100)
2.54
(.100)
0.79 ± .025
(.031 ± .010)
1.19
(.047)
“A” STYLE
A.R. LUG
R
1.37 ± 0.08
(.054 ± .003)
2.36 ± 0.08
(.093 ± .003)
7.92
(.312)
9.53
(.375)
12.7 ± 1.02
(.500 ± .040)
SEE
HOW TO ORDER
CHART FOR
BUSHING OPTIONS.
SEE
NEXT PAGE
FOR SHAFT
OPTIONS.
10.16 ± 0.30
(.400 ± .012)
33
22
11
R2
R1
11.05 ± 0.20
(.435 ± .008)
0.81
(.032)
DIA.
TYP.
5.08 ± 0.38
(.200 ± .015)
TOLERANCES EXCEPT AS SHOWN: DECIMAL .XXX ±
(.015 )
FRACTION ± 1/64
.XX ±
(.38)
ANGLE ±5 °
.381
9.65
L
L


Similar Part No. - 91A2A-G28-L15

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
91A2A-A28-A15 BOURNS-91A2A-A28-A15 Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
91A2A-A28-A15/A15L BOURNS-91A2A-A28-A15/A15L Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A2A-A28-A15L BOURNS-91A2A-A28-A15L Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
91A2A-A28-B15 BOURNS-91A2A-A28-B15 Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
91A2A-A28-C15 BOURNS-91A2A-A28-C15 Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
More results

Similar Description - 91A2A-G28-L15

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
logo
Everlight Electronics C...
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
   Long life feature.
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
   Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
   Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
   Long life feature.
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
Illinois Capacitor, Inc...
105SVH050MCR ILLINOISCAPACITOR-105SVH050MCR_16 Datasheet
227Kb / 4P
   Long Life, 2000hours
logo
Nais(Matsushita Electri...
NR-HD-5V NAIS-NR-HD-5V Datasheet
121Kb / 8P
   LONG LIFE RELAY
logo
Everlight Electronics C...
EALP03RDGRA1 EVERLIGHT-EALP03RDGRA1 Datasheet
191Kb / 9P
   Long life feature.
EALP03RDGGA0 EVERLIGHT-EALP03RDGGA0 Datasheet
455Kb / 9P
   Long life feature.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com