Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

85A2A-B28-A15 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 85A2A-B28-A15
Description  Square Single-Turn Panel Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

85A2A-B28-A15 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  85A2A-B28-A15 Datasheet HTML 1Page - Bourns Electronic Solutions 85A2A-B28-A15 Datasheet HTML 2Page - Bourns Electronic Solutions 85A2A-B28-A15 Datasheet HTML 3Page - Bourns Electronic Solutions 85A2A-B28-A15 Datasheet HTML 4Page - Bourns Electronic Solutions 85A2A-B28-A15 Datasheet HTML 5Page - Bourns Electronic Solutions 85A2A-B28-A15 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
81/82 - 5/8 ” Square Single-Turn Panel Control
Product Dimensions
"A" Bushing
3/8 " (9.53 mm) Dia. Plain - Single Shaft
3/8-32 UNEF
"B" Bushing
3/8 " (9.53 mm) Dia. Plain - Single Shaft
3/8-32 UNEF
4.45
(.175)
MIN.
"C" Bushing
1/4 " (6.35 mm) Dia. Plain - Single Shaft
"C" Bushing
1/4 " (6.35 mm) Dia. Plain - Concentric Shaft
3/8-32 UNEF
M10 x 0.75-6g
TRIPLE CONCENTRIC
(SPECIAL ORDER)
1/4-32 UNEF
"A" Bushing
3/8 " (9.53 mm) Dia. Plain - Concentric Shaft
"S" Bushing
10 mm Dia. Locking - Single Shaft
1/4-32 UNEF
"E" Bushing
1/4 " (6.35 mm) Dia. Locking - Single Shaft
9.50
± .38
(.375
±.015)
12.7,15.88,19.05,22.23
± .79
(1/2, 5/8, 7/8,
± 1/32)
STANDARD
DIA.
(.063+.015/-.000)
SHAFT SLOT
1.19
WIDE X
1.60+.38/-.00
DEEP
(.047)
45
° ±5 ° X
45
° ±5 ° X
(.010)
CHAMFER
.25
45
° ±5 ° X
(.010)
CHAMFER
.25
7.92
(.312)
MIN.
9.53
± .13
(.375
± .005)
PILOT DIA.
5.49
OPTIONAL FLAT
16.00
LONG OR
1.52
FROM
"A" BUSHING END FOR SHAFTS UNDER
17.46
(.216)
(.63)
(.06)
(11/16)
(.010)
CHAMFER
.25
45
° ±5 ° X
(.010)
CHAMFER
.25
(.063 +.015/-.000)
SHAFT SLOT
1.19
WIDE X
1.60 + .38/- .00
DEEP
(.047)
12.70
± .13
(.500
± .005)
15.88
± .79
(5/8
± 1/32)
STANDARD
6.32
± .03
(.249
± .001)
DIA.
9.53
± .13
(.375
± .005)
PILOT DIA.
11.13
(.438)
MIN.
6.35
± .13
(.250
± .005)
9.53,12.7,15.88,19.05,22.23
± .79
(3/8, 1/2, 5/8, 3/4, 7/8,
± 1/32)
STANDARD
SHAFT SLOT
.79
WIDE X
.79
± .25
DEEP
(.031)
(.031
± .010)
2.39
± .13
OPTIONAL FLAT
6.35
LONG OR
1.52
FROM
"C" BUSHING END FOR SHAFTS UNDER
14.30
(.094
± . 005)
(.250)
(.06)
(9/16)
6.35
± .05
(.250
± .002)
PILOT DIA.
SHAFT SLOT
.78
WIDE X
.78
± .03
DEEP
(.031)
(.031
± .001)
12.7
± .13
(.500
± .005)
10.80
(.425)
MIN.
15.88
± .79
(5/8
± 1/32)
STANDARD
3.18
± .03
(.125
± .001)
DIA.
6.35
± .05
(.250
± .002)
PILOT DIA.
28.58
± .79
(1-1/8
± 1/32)
STANDARD
19.05
± .79
(3/4
± 1/32)
STANDARD
(.375)
9.53
6.32
± .03
(.249
±.001)
DIA.
3.162
± .025
(.1245
± .001)
DIA.
1.98
± .03
(.078
± .001)
DIA.
OUTER SHAFT
7.47
DIA. OPERATES SECTION #1 INNER SHAFT
3.18
DIA. OPERATES SECTION #2, #3, & #4 ("G" STYLE)
(.249)
(.125)
OUTER SHAFT
3.18
DIA. OPERATES SECTION #1 INNER SHAFT
.078
DIA. OPERATES SECTION #2, #3, & #4 ("G" STYLE)
(.125)
(1.95)
15.88
± .79
(5/8
± 1/32)
STANDARD
25.40
± .79
(1
± 1/32)
STANDARD
22.00 ± 0.79
(.866 ± .031)
STANDARD
PILOT DIA.
12.50 ± 0.38
(.492 ± .015)
10.92
(.430)
6.000 +0.000/-0.075
(.236 +.000/-.003)
1.01 ± 0.10
(.040 ± .004)
9.90
(.390)
1.80 ± 0.25
(.071 ± .010)
6.35
(.25)
3.162
± .025
(.1245
± .001)
DIA.
1.98
± .03
(.078
± .001)
DIA.
3.162
± .025
(.1245
± .001)
DIA.
6.35
± .03
(1/4
± 1/32)
1/4-32 UNEF
45
° ±5 ° X
(.010)
CHAMFER
.25
SHAFT SLOT
WIDE X
DEEP
DIA.
MIN.
DIMENSIONS:
MM
(INCHES)
1
3
CCW
POTENTIOMETER
2


Similar Part No. - 85A2A-B28-A15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
85A2 PHILIPS-85A2 Datasheet
188Kb / 9P
   VOLTAGE REFERENCE TUBE
7.7.1957
More results

Similar Description - 85A2A-B28-A15

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PCW1J-B24 BOURNS-PCW1J-B24 Datasheet
316Kb / 4P
   PC - Slimline22 mm Square Single Turn Panel Control
PCW1J-B24-BAB103L BOURNS-PCW1J-B24-BAB103L Datasheet
324Kb / 4P
   PC - Slimline 22 mm Square Single Turn Panel Control
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
91A1A-B28-B17L BOURNS-91A1A-B28-B17L Datasheet
218Kb / 5P
   91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A2A BOURNS-91A2A Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
93R1A-R22-A12L BOURNS-93R1A-R22-A12L Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
93A1A-B28-A15 BOURNS-93A1A-B28-A15 Datasheet
352Kb / 6P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
91C1A-D24-B10 BOURNS-91C1A-D24-B10 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control
3862 BOURNS-3862 Datasheet
215Kb / 3P
   1/2 Diameter Single-Turn Panel Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com