Electronic Components Datasheet Search |
|
LM612AIN Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
LM612AIN Datasheet(HTML) 2 Page - National Semiconductor (TI) |
2 / 10 page Absolute Maximum Ratings (Note 1) If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Voltage on Any Pin Except VR (referred to Vb pin) (Note 2) 36V (Max) (Note 3) b 03V (Min) Current through Any Input Pin and VR Pin g 20 mA Differential Input Voltage g 36V Output Short-Circuit Duration (Note 4) Storage Temperature Range b 65 C s TJ s a150 C Maximum Junction Temperature 150 C Thermal Resistance Junction-to-Ambient (Note 5) N Package 100 CW Soldering Information N Package Soldering (10 seconds) 260 C ESD Tolerance (Note 6) g 1kV Operating Temperature Range LM612AI LM612I b 40 C s TJ s a85 C LM612AM LM612M b 55 C s TJ s a125 C Electrical Characteristics These specifications apply for Vb e GND e 0V Va e 5V VCM e VOUT e Va 2 IR e 100 mA unless otherwise specified Limits in standard typeface are for TJ e 25 C limits in boldface type apply over the Operating Temperature Range Symbol Parameter Conditions (Note 7) Typical LM612AM LM612M Units LM612AI LM612I Limits Limits (Note 8) (Note 8) COMPARATORS IS Total Supply Current Va Current RLOAD e % 150 250 250 m A Max 3V s Va s 36V 170 300 300 m A Max VOS Offset Voltage over 4V s Va s 36V RL e 15 kX 10 30 50 mV Max Va Range 20 60 70 mV Max VOS Offset Voltage over 0V s VCM s (Va b18V) 10 30 50 mV Max VCM Range Va e 30V RL e 15 kX 15 60 70 mV Max D VOS D T Average Offset Voltage 15 m V C Drift IB Input Bias Current 5 25 35 nA Max 830 40 nA Max IOS Input Offset Current 02 4 4 nA Max 03 5 5 nA Max AV Voltage Gain RL e 10 kX to 36V 500 50 50 VmV Min 2V s VOUT s 27V 100 VmV tR Large Signal Response VaIN e 14V VbIN e TTL 15 m s Time Swing RL e 51 kX 20 m s ISINK Output Sink Current VaIN e 0V VbIN e 1V 20 10 10 mA Min VOUT e 15V 13 8 8 mA Min VOUT e 04V 28 10 08 mA Min 24 05 05 mA Min IL Output Leakage Current VaIN e 1V VbIN e 0V 01 10 10 m A Max VOUT e 36V 02 m A 2 |
Similar Part No. - LM612AIN |
|
Similar Description - LM612AIN |