Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP107N301D-TR-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RP107N301D-TR-FE
Description  Supply Current Typ. 9.5uA
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP107N301D-TR-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  RP107N301D-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP107N301D-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP107N301D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP107N301D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP107N301D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP107N301D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP107N301D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP107N301D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP107N301D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
RP107x
NO.EA-181-131018
3
PIN CONFIGURATIONS
WLCSP-4-P5
DFN(PLP)1212-6
SC-88A
SOT-23-5
Silicon Side
2
1
3
4
Bump Side
1
2
4
3
Top View
3
1
4
6
2
5
Bottom View
1
3
6
4
2
5
54
1
3
2
(mark side)
1
2
3
4
5
(mark side)
PIN DESCRIPTIONS
WLCSP-4-P5
Pin No
Symbol
Pin Description
1
VDD
Input Pin
2
CE
Chip Enable Pin
3
GND
Ground Pin
4
VOUT
Output Pin
DFN(PLP)1212-6
Pin No
Symbol
Pin Description
1
NC
No Connection
2
GND
Ground Pin
3
CE
Chip Enable Pin
4
VDD
Input Pin
5
NC
No Connection
6
VOUT
Output Pin
SC-88A
Pin No
Symbol
Pin Description
1
CE
Chip Enable Pin
2
NC
No Connection
3
GND
Ground Pin
4
VOUT
Output Pin
5
VDD
Input Pin
SOT-23-5
Pin No
Symbol
Pin Description
1
VDD
Input Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin
4
NC
No Connection
5
VOUT
Output Pin
*RP107N (SOT-23-5) is the non-promotion product. As of June in 2016.


Similar Part No. - RP107N301D-TR-FE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-11005DRAW RECOM-RP10-11005DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11005SRAW RECOM-RP10-11005SRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11012DRAW RECOM-RP10-11012DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11012SRAW RECOM-RP10-11012SRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11015DRAW RECOM-RP10-11015DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results

Similar Description - RP107N301D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com