Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP105N151B-TR-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP105N151B-TR-FE
Description  Supply Current Typ. 28 uA
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP105N151B-TR-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP105N151B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP105N151B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP105N151B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP105N151B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP105N151B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP105N151B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP105N151B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP105N151B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP105N151B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
NO.EA-179-160420
7
*
RP105Q (SC-88A) is the discontinued product as of June, 2016.
ELECTRICAL CHARACTERISTICS (continued)
VBIAS = VCE = 3.6 V, VIN = Set VOUT + 0.5 V, IOUT = 1 mA, CBIAS = CIN = 1.0 µF, COUT = 2.2 µF, unless otherwise noted.
The specifications surrounded by
are guaranteed by design engineering at
−40°C ≤ Ta ≤ 85°C.
RP105x
(Ta = 25°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VCEH
CE Input Voltage ”H”
0.8
V
VCEL
CE Input Voltage ”L”
0.3
V
VIN UVLO
VIN Under Voltage
Lock Out
(only B/D version)
IOUT = 1.0 µA
Set VOUT
+ 50 mV
Set VOUT
+ 100 mV
V
tdelay Detector Delay Time
(only B/D version)
100
µ
s
en
Output Noise
BM = 10 Hz to 100 kHz
IOUT = 30 mA, Set VOUT = 0.6 V
70
µ
Vrms
RLOW
Nch On Resistance
For auto-discharge
(only D/F version)
VBIAS = 3.6 V, VCE = "L"
50
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj ≈ Ta = 25°C) except
Output Noise, Ripple Rejection and Output Voltage Temperature Coefficient.


Similar Part No. - RP105N151B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RP1053-2 RFM-RP1053-2 Datasheet
93Kb / 2P
   310.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1053-2 MURATA-RP1053-2 Datasheet
153Kb / 2P
   310.0 MHz SAW Resonator
More results

Similar Description - RP105N151B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
RP153 RICOH-RP153 Datasheet
946Kb / 23P
   Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com