Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP107N421B-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP107N421B-TR-FE
Description  Supply Current Typ. 9.5uA
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP107N421B-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP107N421B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP107N421B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP107N421B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP107N421B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP107N421B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP107N421B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP107N421B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP107N421B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP107N421B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
RP107x
NO.EA-181-131018
5
ELECTRICAL CHARACTERISTICS
RP107xxxxB/D
VIN = VSET
*3 + 1.0V, I
OUT = 1mA, CIN = COUT = 0.1μF, unless otherwise noted.
The specifications surrounded by
are guaranteed by Design Engineering at - 40
°C ≤ Ta ≤ 85ºC.
RP107x Series
(Ta = 25
°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VSET > 2.0V
x 0.990
x 1.010
V
Ta=25
°C
VSET ≤ 2.0V
-20
+20
mV
VSET > 2.0V
x 0.980
x 1.015
V
VOUT
Output Voltage
-40
°C ≤ Ta ≤ 85°C
VSET ≤ 2.0V
-40
+30
mV
IOUT
Output Current
200
mA
∆V
OUT
/
∆I
OUT
Load Regulation
1mA
≤ I
OUT ≤ 200mA
25
50
mV
VDIF
Dropout Voltage
Refer to Dropout Voltage Specifications.
ISS
Supply Current (IOUT=0mA)
IOUT = 0mA
9.5
25
μA
Istandby Standby Current
VCE = GND
0.1
3.0
μA
∆V
OUT
/
∆V
IN
Line Regulation
VSET + 0.5V ≤ VIN ≤ 5V
IOUT = 1mA
±0.02
±0.20
%/V
RR
Ripple Rejection
f = 1kHz (VOUT ≤ 1.2V)
f = 1kHz (1.2V < VOUT < 2.2V)
f = 1kHz (VOUT ≤ 2.2V)
Ripple 0.2Vp-p
VIN = VSET + 1.0V
IOUT = 30mA
Note: When VOUT ≤ 1.2V, VIN = 2.2V.
70
65
60
dB
VIN
Input Voltage
1.4
5.25
V
∆V
OUT
/
∆Ta
Output Voltage
Temperature Coefficient
-40
°C ≤ Ta ≤ 85°C
±100
ppm
/
°C
ISC
Short Current Limit
VOUT = 0V
50
mA
ICEPD
CE Pull-down Current
0.1
μA
VCEH
CE Input Voltage “H”
1.0
V
VCEL
CE Input Voltage “L”
0.4
V
RLOW
Auto-discharge Nch
ON Resistance
(D version only)
VIN = 4.0V
VCE = 0V
30
Ω
All test items listed under [7] Electrical Characteristics are done under the pulse load condition (Tj
≈ Ta = 25ºC) except for
Ripple Rejection and Output Voltage Temperature Coefficient.
*
3
VSET = Set Output Voltage
*RP107N (SOT-23-5) is the non-promotion product. As of June in 2016.


Similar Part No. - RP107N421B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-11005DRAW RECOM-RP10-11005DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11005SRAW RECOM-RP10-11005SRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11012DRAW RECOM-RP10-11012DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11012SRAW RECOM-RP10-11012SRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11015DRAW RECOM-RP10-11015DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results

Similar Description - RP107N421B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com