Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1524K030B-TR Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1524K030B-TR
Description  Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1524K030B-TR Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1524K030B-TR Datasheet HTML 3Page - RICOH electronics devices division R1524K030B-TR Datasheet HTML 4Page - RICOH electronics devices division R1524K030B-TR Datasheet HTML 5Page - RICOH electronics devices division R1524K030B-TR Datasheet HTML 6Page - RICOH electronics devices division R1524K030B-TR Datasheet HTML 7Page - RICOH electronics devices division R1524K030B-TR Datasheet HTML 8Page - RICOH electronics devices division R1524K030B-TR Datasheet HTML 9Page - RICOH electronics devices division R1524K030B-TR Datasheet HTML 10Page - RICOH electronics devices division R1524K030B-TR Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
R1524x
NO.EA-332-160720
7
TYPICAL APPLICATIONS
C1
R1524x
VDD
VOUT
CE
GND
C2
C1 = Ceramic 0.1 µF
C2 = Ceramic 0.1 µF
VOUT
R1524x Typical Applications
TECHNICAL NOTES
Phase Compensation
In the R1524x, phase compensation is provided to secure stable operation even when the load current is varied.
For this purpose, make sure to use 0.1
μF or more of a capacitor (C2).
In case of using a tantalum type capacitor and the ESR (Equivalent Series Resistance) value of the capacitor
is large, the output might be unstable. Evaluate the circuit including consideration of frequency characteristics.
Connect 0.1
μF or more of a capacitor (C1) between VDD and GND, and as close as possible to the pins.
PCB Layout
For SOT-23-5 package type, wire the following GND pins together: No. 1 and No. 2
For SOT-89-5 package type, wire the following GND pins together: No. 2 and No. 4.
For HSOP-6J package type, wire the following GND pins together: No. 2, No. 4, and No. 5.
Thermal Shutdown
R1524x has a built-in thermal shutdown circuit, which stops the regulator operation if the junction temperature
of this device increases to 160°C (Typ.) or higher. If the temperature drops to 135°C (Typ.) or lower, the regulator
restarts the operation. Unless eliminating the overheating problem, the regulator turns on and off repeatedly and
as a result, a pulse shaped output voltage is generated.


Similar Part No. - R1524K030B-TR

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1524K030B-TR-Y NISSHINBO-R1524K030B-TR-Y Datasheet
2Mb / 37P
   200 mA36 V Input Ultra Low Supply Current VR for Industrial Applications
More results

Similar Description - R1524K030B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
logo
Texas Instruments
LMZM33606 TI1-LMZM33606 Datasheet
979Kb / 32P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
LMZM33604 TI1-LMZM33604 Datasheet
1Mb / 38P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 4-A Power Module
logo
ETAL Group
E-1072-220 ETAL-E-1072-220 Datasheet
206Kb / 4P
   Voltage rating DC 24 V (19.2...36 V)
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Vicor Corporation
V28B3V3C75B VICOR-V28B3V3C75B Datasheet
761Kb / 11P
   DC input range 9 - 36 V
V24C3V3H50BL VICOR-V24C3V3H50BL Datasheet
855Kb / 15P
   DC input range 18 - 36 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com