Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1524S050B-E2-FE Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1524S050B-E2-FE
Description  Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1524S050B-E2-FE Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1524S050B-E2-FE Datasheet HTML 1Page - RICOH electronics devices division R1524S050B-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1524S050B-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1524S050B-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1524S050B-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1524S050B-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1524S050B-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1524S050B-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1524S050B-E2-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
R1524x
NO.EA-332-160720
2
BLOCK DIAGRAM
R1524xxxxB
VDD
VOUT
CE
GND
Current Limit
Short
Protection
Vref
Thermal Shutdown
Circuit
SELECTION GUIDE
The set output voltage and the package type are user-selectable.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
R1524NxxxB-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
R1524HxxxB-T1-FE
SOT-89-5
1,000 pcs
Yes
Yes
R1524SxxxB-E2-FE
HSOP-6J
1,000 pcs
Yes
Yes
R1524KxxxB-TR
DFN(PLP)1820-6
5,000 pcs
Yes
Yes
xxx: Specify the set output voltage (VSET)
1.8 V (018) / 2.5 V (025) / 2.8 V (028) / 3.0 V (030) / 3.3 V (033) / 3.4 V (034) /
5.0 V (050) / 6.0 V (060) / 8.0 V (080) / 8.5 V (085) / 9.0 V (090)
*Contact Ricoh sales representatives for other voltages.


Similar Part No. - R1524S050B-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1524S050B-E2-FE NISSHINBO-R1524S050B-E2-FE Datasheet
2Mb / 37P
   200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
More results

Similar Description - R1524S050B-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
logo
Texas Instruments
LMZM33606 TI1-LMZM33606 Datasheet
979Kb / 32P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
LMZM33604 TI1-LMZM33604 Datasheet
1Mb / 38P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 4-A Power Module
logo
ETAL Group
E-1072-220 ETAL-E-1072-220 Datasheet
206Kb / 4P
   Voltage rating DC 24 V (19.2...36 V)
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Vicor Corporation
V28B3V3C75B VICOR-V28B3V3C75B Datasheet
761Kb / 11P
   DC input range 9 - 36 V
V24C3V3H50BL VICOR-V24C3V3H50BL Datasheet
855Kb / 15P
   DC input range 18 - 36 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com