Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP109N151B-TR-FE Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RP109N151B-TR-FE
Description  Supply Current Typ. 50uA
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP109N151B-TR-FE Datasheet(HTML) 2 Page - RICOH electronics devices division

  RP109N151B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP109N151B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP109N151B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP109N151B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP109N151B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP109N151B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP109N151B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP109N151B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP109N151B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
RP109x
NO.EA-204-131023
2
BLOCK DIAGRAMS
RP109xxxxB
RP109xxxxD
VDD
GND
VOUT
CE
Vref
Current Limit
VDD
GND
VOUT
CE
Vref
Current Limit
SELECTION GUIDE
The output voltage, auto discharge function, package, and the taping type, etc. for the ICs can be selected at
the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP109Kxx1
∗-TR
DFN(PLP)0808-4
10,000 pcs
Yes
Yes
RP109Lxx1
∗-TR
DFN1010-4
10,000 pcs
Yes
Yes
RP109Qxx2
∗-TR-FE
SC-88A
3,000 pcs
Yes
Yes
RP109Nxx1
∗-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
xx: Specify the set output voltage (VSET) within the range of 0.8V to 3.6 in 0.1V steps.
The second decimal point of VSET is described as below.
1.25V: RP109x12x
∗5
1.85V: RP109x18x
∗5
2.85V: RP109x28x
∗5
∗: Select the polarity of the CE pin from (B) "H" active without auto-discharge function or (D) "H" active with
auto-discharge function.


Similar Part No. - RP109N151B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RP1094 RFMD-RP1094 Datasheet
149Kb / 2P
   915.0 MHz SAW RESONATOR
More results

Similar Description - RP109N151B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com