Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP106N081B-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP106N081B-TR-FE
Description  Supply Current Typ. 48uA
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP106N081B-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP106N081B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP106N081B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP106N081B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP106N081B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP106N081B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP106N081B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP106N081B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP106N081B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP106N081B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
RP106x
NO.EA-180-131017
5
ELECTRICAL CHARACTERISTICS
RP106x
VIN=Set VOUT+1V, IOUT=1mA, CIN=COUT =1µF, unless otherwise noted.
The specifications surrounded by
are guaranteed by Design Engineering at −40°C ≤ Topt ≤ 85°C.
Topt=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
Topt=25°C
VOUT ≥ 1.0V ×0.992
×
1.008
V
VOUT < 1.0V
8
8
mV
40°C ≤ Topt ≤ 85°C
VOUT ≥ 1.0V ×0.983
×
1.017
V
VOUT < 1.0V
17
17
mV
IOUT
Output Current
400
mA
VOUT/∆IOUT Load Regulation
1mA ≤ IOUT ≤ 400mA
25
45
mV
VDIF
Dropout Voltage
Refer to the following table
ISS
Supply Current
IOUT=0mA
48
75
µ
A
Istandby
Standby Current
VCE=0V
0.1
8.0
µ
A
VOUT/∆VIN Line Regulation
Set VOUT+0.5V ≤ VIN ≤ 3.6V
In case that Set VOUT < 0.8V,
1.3V ≤ VIN ≤ 3.6V
0.10
0.25
%/V
RR
Ripple Rejection
f=10kHz, Ripple 0.2Vp-p
VIN=Set VOUT+1V, IOUT=30mA
60
dB
VIN
Input Voltage
1.0
3.6
V
VOUT/∆Topt Output Voltage
Temperature Coefficient −40°C ≤ Topt ≤ 85°C
±
60
ppm
/°C
ISC
Short Current Limit
VOUT=0V
110
mA
VCEH
CE Input Voltage "H"
0.9
V
VCEL
CE Input Voltage "L"
0.4
V
en
Output Noise
BW=10Hz to 100kHz
IOUT=30mA, VOUT=0.7V
30
µ
Vrms
RLOW
Low Output Nch Tr.
ON Resistance
(of D version)
VIN=2.0V, VCE=0V
43
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj≈Ta=25°C) except Output
Noise, Ripple Rejection and Output Voltage Temperature Coefficient items.
*RP106N (SOT-23-5) is the non-promotion product. As of March in 2015.


Similar Part No. - RP106N081B-TR-FE

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP106 DEC-RP106 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
More results

Similar Description - RP106N081B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com